Electronic Components Datasheet Search
  English  ▼

X  

TCP460 Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TCP460
Description  16 Channel Serial Interface RS232/RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP460 Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TCP460 Datasheet HTML 1Page - TEWS Technologies GmbH TCP460 Datasheet HTML 2Page - TEWS Technologies GmbH TCP460 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TCP460-10R
16 Channel Serial RS232, HD68
TCP460-11R
16 Channel Serial RS422, HD68
TCP460-12R
8 Channel Serial RS232, 8 Channel Serial RS422, HD68
TCP460-13R
12 Channel Serial RS232, 4 Channel Serial RS422, HD68
TCP460-14R
4 Channel Serial RS232, 12 Channel Serial RS422, HD68
TCP460-20R
16 Channel Serial RS232, HD68 and J2 I/O
TCP460-21R
16 Channel Serial RS422, HD68 and J2 I/O
TCP460-22R
8 Channel Serial RS232, 8 Channel Serial RS422, HD68 and J2 I/O
TCP460-23R
12 Channel Serial RS232, 4 Channel Serial RS422, HD68 and J2 I/O
TCP460-24R
4 Channel Serial RS232, 12 Channel Serial RS422, HD68 and J2 I/O
Other configurations are available as factory option on a per channel base.
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP460-DOC
User Manual
Software
TDRV002-SW-25 Integrity Software Support
TDRV002-SW-42 VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TDRV002-SW-65 Windows Software Support
TDRV002-SW-82 Linux Software Support
TDRV002-SW-95 QNX Software Support
For other operating systems please contact TEWS.
Accessories
TA304
Cable Kit for Modules with HD68 Connector
TCP001-FP
6U Front Panel Extension for 3U cPCI Boards
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com