Electronic Components Datasheet Search
  English  ▼

X  

TCP461 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP461
Description  8 Channel Serial Interface RS232/RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP461 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP461 Datasheet HTML 1Page - TEWS Technologies GmbH TCP461 Datasheet HTML 2Page - TEWS Technologies GmbH TCP461 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TCP461
8 Channel Serial Interface RS232/RS422
Application Information
The TCP461 is a standard 3U 32 bit CompactPCI module
and offers 8 channels of high performance asynchronous
serial interface.
Three different standard modules are available: The
TCP461-x0R
provides
8
RS232
interfaces.
The
TCP461-x1R
provides
8
RS422
interfaces.
The
TCP461-x2R provides 4 RS232 and 4 RS422 interfaces.
Other configurations are available as factory build option
on a per channel base.
All modules offer front panel I/O with a HD50 SCSI-2 type
connector. The TCP461-2xR modules offer additional J2
rear I/O. Each RS232 channel supports RxD, TxD, RTS,
CTS and GND. Each RS422 channel supports RxD+/-,
TxD+/- and GND.
Two channels of the TCP461-x0R/-x2R offer full modem
support (TxD, RxD, CTS, RTS, DSR, DTR, CD, RI and
GND) for RS232. Two channels of the TCP461-x1R
support RxD+/-, TxD+/-, RTS+/-, CTS+/- and GND for
RS422.
Each channel has 64 byte transmit and receive FIFOs to
significantly reduce the overhead required to provide data
to and get data from the transmitters and receivers. The
FIFO trigger levels are programmable and the baud rate is
individually programmable up to 921.6 kbps for RS232
channels and 5.5296 Mbps for RS422 channels. The
UART offers readable FIFO levels.
All channels generate interrupts on CompactPCI interrupt
INTA. For fast interrupt source detection the UART
provides a special Global Interrupt Source Register.
All serial channels use ESD protected transceivers up to
±15KV.
The TCP461 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
Software
Support
(TDRV002-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP461

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP460 TEWS-TCP460 Datasheet
138Kb / 3P
16 Channel Serial Interface RS232/RS422
2017-08-24
TCP460-10R TEWS-TCP460-10R Datasheet
138Kb / 3P
16 Channel Serial Interface RS232/RS422
2017-08-24
TCP460-11R TEWS-TCP460-11R Datasheet
138Kb / 3P
16 Channel Serial Interface RS232/RS422
2017-08-24
TCP460-12R TEWS-TCP460-12R Datasheet
138Kb / 3P
16 Channel Serial Interface RS232/RS422
2017-08-24
TCP460-13R TEWS-TCP460-13R Datasheet
138Kb / 3P
16 Channel Serial Interface RS232/RS422
2017-08-24
More results

Similar Description - TCP461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
TIP866 ETC2-TIP866 Datasheet
108Kb / 1P
8 Channel Serial Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com