Electronic Components Datasheet Search
  English  ▼

X  

TMXAT14 Datasheet(PDF) 3 Page - TEMEX

Part # TMXAT14
Description  SAW Bandpass Filter - Remote Control - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXAT14 Datasheet(HTML) 3 Page - TEMEX

  TMXAT14 Datasheet HTML 1Page - TEMEX TMXAT14 Datasheet HTML 2Page - TEMEX TMXAT14 Datasheet HTML 3Page - TEMEX TMXAT14 Datasheet HTML 4Page - TEMEX TMXAT14 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX AT14
SAW Bandpass Filter – Remote Control - RF
Preliminary Specification (Rev.1)- RF
February 09
th, 2006
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single)
Ohms
-
50
-
Load Impedance (single)
Ohms
-
50
-
Center Frequency fc
MHz
-
915
-
Bandwidth
MHz
26
-
-
Absolute Attenuation
DC to 800 MHz
dB
50
60
-
800 MHz to 845 MHz
dB
50
55
-
845 MHz to 879 MHz
dB
45
50
950 MHz to 990 MHz
dB
25
30
990 MHz to 1200 MHz
dB
50
60
1200 MHz to 2000 MHz
dB
30
38
-
Insertion Loss within 902 MHz ~ 928 MHz
dB
-
2.5
3.2
Ripple within 902 MHz ~ 928 MHz
dB
-
0.7
1.6
VSWR within 902 MHz ~ 928 MHz
-
-
1.45
2.0
Matching Network



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com