Electronic Components Datasheet Search
  English  ▼

X  

TCP460-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP460-DOC
Description  16 Channel Serial Interface RS232/RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP460-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP460-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCP460-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TCP460-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TCP460
16 Channel Serial Interface RS232/RS422
TCP460-10R
Application Information
The TCP460 is a standard 3U 32 bit CompactPCI module
and offers 16 channels of high performance asynchronous
serial interface.
Five different standard modules are available: The
TCP460-10R
provides
16
RS232
interfaces.
The
TCP460-11R
provides
16
RS422
interfaces.
The
TCP460-12R provides 8 RS232 and 8 RS422 interfaces.
The TCP460-13R provides 12 RS232 and 4 RS422
interfaces. The TCP460-14R provides 4 RS232 and 12
RS422 interfaces.
Other configurations are available as factory option on a
per channel base.
All modules offer front panel I/O with a HD68 connector.
The TCP460-2xR modules offer additional J2 rear I/O.
Each RS232 channel supports RxD, TxD, RTS and CTS.
Each RS422 supports RxD+/- and TxD+/-.
A transparent 32 bit / 66 MHz PCI-to-PCI Bridge provides
access to the two Exar XR17D158 octal PCI-UARTs. The
PCI-to-PCI Bridge allows 32 bit accesses on the local PCI
bus and permits the high data throughput necessary for
the high performance serial interfaces.
Each channel has 64 byte transmit and receive FIFOs to
significantly reduce the overhead required to provide data
to and get data from the transmitters and receivers. The
FIFO trigger levels are programmable and the baud rate is
individually programmable up to 921.6 kbps for RS232
channels and 5.5296 Mbps for RS422 channels. The
UART offers readable FIFO levels.
Interrupts
are
supported.
For
fast
interrupt
source
detection each octal UART provides a special Global
Interrupt Source Register.
All serial channels use ESD protected transceivers up to
±15KV according to IEC 1000-4-2.
The TCP460 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
Software
Support
(TDRV002-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP460-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP461 TEWS-TCP461 Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-10R TEWS-TCP461-10R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-11R TEWS-TCP461-11R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-12R TEWS-TCP461-12R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
TCP461-20R TEWS-TCP461-20R Datasheet
105Kb / 3P
8 Channel Serial Interface RS232/RS422
2017-08-24
More results

Similar Description - TCP460-DOC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
NEPORT ETC2-NEPORT_1 Datasheet
1Mb / 77P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
PHOENIX CONTACT
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com