Electronic Components Datasheet Search
  English  ▼

X  

TCP862 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCP862
Description  4 Channel High Speed Synch/Asynch Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP862 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCP862 Datasheet HTML 1Page - TEWS Technologies GmbH TCP862 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
10/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
Order Information
None RoHS Compliant
TCP862-10
4 Channel High Speed Synch/Asynch
Serial Interface, front I/O (None RoHS
compliant)
TCP862-20
4 Channel High Speed Synch/Asynch
Serial Interface, front I/O and J2
I/O(None RoHS compliant)
Documentation
TCP862-DOC
User Manual
TCP862-ED
Engineering Documentation, includes
TCP862-DOC
Software
TDRV001-SW-42 VxWorks Software Support
TDRV001-SW-65 Windows XP/XPE/2000/ Software
Support
TDRV001-SW-72 LynxOS Software Support
TDRV001-SW-82 LiNUX Software Support
TDRV001-SW-95 QNX 6 Software Support
For other operating systems please contact TEWS.
Related Products
TA304
Cable Kit for modules with HD68
connector
TCP001-FP
6U front panel extension for 3U cPCI
boards



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com