Electronic Components Datasheet Search
  English  ▼

X  

TMXAT15 Datasheet(PDF) 3 Page - TEMEX

Part # TMXAT15
Description  SAW Bandpass Filter - Broadcast - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXAT15 Datasheet(HTML) 3 Page - TEMEX

  TMXAT15 Datasheet HTML 1Page - TEMEX TMXAT15 Datasheet HTML 2Page - TEMEX TMXAT15 Datasheet HTML 3Page - TEMEX TMXAT15 Datasheet HTML 4Page - TEMEX TMXAT15 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX AT15
SAW Bandpass Filter – Broadcast - RF
Specification (Rev.1)- RF
Specification (Rev 1)
March 05
th, 2006
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single)
Ohms
-
50
-
Load Impedance (single)
Ohms
-
50
-
Center Frequency fc
MHz
-
1030
-
Bandwidth at -3dB
MHz
30
-
-
Absolute Attenuation
DC to 910 MHz
dB
25
30
-
1090 MHz to 1300 MHz
dB
25
33
-
Insertion Loss within 1015 MHz – 1045 MHz
dB
-
2.3
3.0
Amplitude Ripple within 1015 MHz –1035 MHz
dB
-
0.3
1.0
VSWR within 1015 MHz – 1045 MHz
-
1.8
2.1
Matching Network
Input
50
Ω
Single
Output
50
Ω
Single
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com