Electronic Components Datasheet Search
  English  ▼

X  

FDR20 Datasheet(PDF) 1 Page - First Components International

Part # FDR20
Description  20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FDR20 Datasheet(HTML) 1 Page - First Components International

  FDR20 Datasheet HTML 1Page - First Components International FDR20 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOW COST
n HIGH SURGE CAPABILITY
n DIFFUSED JUNCTION
Mechanical Dimensions
n LOW LEAKAGE CURRENT
n HIGH TEMPERATURE CAPABILITY
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
FDR20/3001 . . . 20/3004 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 80A...V
F
Maximum DC Reverse Current...I
R
25°C
@ Rated DC Blocking Voltage
150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR
Data Sheet
20 & 30 Amp
AUTOMOTIVE DISH RECTIFIERS
Units
FDR20/3001
FDR20/3002
FDR20/3003
FDR20/3004
100
200
300
400
70
140
210
280
100
200
300
400
Volts
Volts
Volts
............................................. 25/35 ..............................................
............................................. 400/500 ................................................
......................................... -65 to 175 ..........................................
............................................. 1.15 ...............................................
............................................. 2.0 ...............................................
............................................. 250 ...............................................
............................................. 0.8 ...............................................
............................................. 3.0 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
pF
°C/W
µs
< ............... 200 ............. >
< .............. 300 ............... >
Page 2-2
Electrical Characteristics


Similar Part No. - FDR20

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR2020WS FS-FDR2020WS Datasheet
644Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - FDR20

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
DR251 MIC-DR251 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 MIC-DR351 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR501 MIC-DR501 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR251 PFS-DR251 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 PFS-DR351 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
First Components Intern...
FDR3502N FCI-FDR3502N Datasheet
177Kb / 2P
35 Amp Silicon Automotive Dish Rectifiers
logo
FCI connector
FDR3502-3506 FCI-CONNECTOR-FDR3502-3506 Datasheet
177Kb / 2P
35 AMP SILICON AUTOMOTIVE DISH RECTIFIERS
FDR3001 FCI-CONNECTOR-FDR3001 Datasheet
177Kb / 2P
35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
FDR3002 FCI-CONNECTOR-FDR3002 Datasheet
177Kb / 2P
35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
logo
First Components Intern...
FDR3001 FCI-FDR3001 Datasheet
177Kb / 2P
35 Amp Silicon Automotive Dish Recitifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com