Electronic Components Datasheet Search
  English  ▼

X  

01302 Datasheet(PDF) 1 Page - Evolt

Part # 01302
Description  BATTERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

01302 Datasheet(HTML) 1 Page - Evolt

  01302 Datasheet HTML 1Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BATTERIES
LiFePO4 replacement battery
Includes Battery management system to protect battery
Includes short cicruit protection
Includes over charge protection
LiFePO4
ORDERING INFORMATION
Order code
01302
Description
LiFePO4 Battery 6.4V 1500mAh
Item Code
EV-1500mAh-6.4V-LiFeP04
COMPLIANCE
Standards
IEC 62133.2
UN38.3
WARRANTY
Commercial Use Warranty
1 RTB (Total 1 Year)
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 01302

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
01302 GENERAL-01302 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
01302 GENERAL-01302 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
logo
Winchester Electronics ...
01302 WINCHESTER-01302 Datasheet
56Kb / 1P
TRI-METAL PLATED 10/20 AMP TERMINATION
logo
General Cable Technolog...
01302.15.01 GENERAL-01302.15.01 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
01302.41.01 GENERAL-01302.41.01 Datasheet
65Kb / 1P
60쨘C 300 Volt UL /CSA Portable Cord
More results

Similar Description - 01302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER14505 ETC2-ER14505 Datasheet
109Kb / 2P
Primary lithium batteries
TLH-5903 ETC2-TLH-5903 Datasheet
126Kb / 1P
TADIRAN LITHIUM BATTERIES
TL-4935 ETC2-TL-4935 Datasheet
125Kb / 1P
TADIRAN LITHIUM BATTERIES
TL-4920 ETC2-TL-4920 Datasheet
125Kb / 1P
TADIRAN LITHIUM BATTERIES
logo
Dubilier
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
BATTERIES ALKALINE
logo
List of Unclassifed Man...
RBC2 ETC2-RBC2 Datasheet
57Kb / 1P
Replacement Batteries
logo
Panasonic Battery Group
6F22 PANASONICBATTERY-6F22 Datasheet
91Kb / 2P
Zinc carbon batteries
logo
Energizer
364 ENERGIZER-364 Datasheet
217Kb / 1P
Silver Oxide Batteries
390 ENERGIZER-390 Datasheet
532Kb / 1P
Silver Oxide Batteries
logo
Murata Manufacturing Co...
LR1130 MURATA1-LR1130 Datasheet
472Kb / 2P
Alkaline manganese batteries
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com