Electronic Components Datasheet Search
  English  ▼

X  

QEV101 Datasheet(PDF) 2 Page - TEMEX

Part # QEV101
Description  SMD 7x5 VCXO - Communications Equipment Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEV101 Datasheet(HTML) 2 Page - TEMEX

  QEV101 Datasheet HTML 1Page - TEMEX QEV101 Datasheet HTML 2Page - TEMEX QEV101 Datasheet HTML 3Page - TEMEX QEV101 Datasheet HTML 4Page - TEMEX QEV101 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QEV101
SMD 7x5 VCXO – Communications Equipment Application
Specification (rev-F)
April 05
th, 2006
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Test conditions
Frequency range
MHz
1.544
65.536
Output logic
HCMOS / TTL Output
Operating temperature
range (see table 1)
°C
0 to +70
-40 to +85
Refer to Ordering
Information
Storage temperature range
°C
-55
+125
Power supply voltage (VCC)
3.3V version
5.0V version
VDC
3.135
4.750
3.3
5.0
3.465
5.250
Refer to Ordering
Information
Frequency Stability
(see note 1)
± ppm
±25 or ±50
Refer to Ordering
Information
Aging (First Year)
± ppm
3
Ref at 25°C
Input current
3.3V version
5.0V version
mA
40mA
55mA
HCMOS Output load
pF
15
30
Output Logic Levels
Output Logic High (VOH)
Output Logic Low (VOL)
VDC
90%VCC
10%VCC
With 30pF HCMOS
Load
Pullability
3.3V
⇒ VC=1.65 ±1.50V
5.0V
⇒ VC=2.50 ±2.00V
± ppm
±50, ±100 or ±150
Positive slope
Refer to Ordering
Information
Linearity
%
20
Duty cycle
%
45
50
55
Rise & Fall time
ns
10
20% VCC ~ 80% VCC
Start-up time
ms
10
Input Impedance
KΩ
100
Note 1: Include 25°C tolerance, operating temperature range, input voltage change (VCC±5%), load change
(15pF±10%), first year aging, shock and vibration.
Table 1 : Stability Codes
± 25ppm
± 50ppm
0 to +70°C
C
A
- 40 to +85°C
D
B
Table 2 : Phase Noise
Maximum values for 20MHz VCXO
Unit
dBc/Hz
10Hz
- 60
100Hz
- 90
1KHz
-120
10KHz
-135
Floor
-145



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com