Electronic Components Datasheet Search
  English  ▼

X  

GFZ2A Datasheet(PDF) 1 Page - First Components International

Part # GFZ2A
Description  2.0 Amp Glass Passivated Sintered Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GFZ2A Datasheet(HTML) 1 Page - First Components International

  GFZ2A Datasheet HTML 1Page - First Components International GFZ2A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GFZ2A . . . 2M Series
Average Forward Rectified Current...I
F(av)
@ T
L = 125°C (Note 2)
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3mS, ½ Sine Wave Superimposed on Rated Load
Forward Voltage @ 2.0A...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 125°C
DC Reverse Current...I
R(max)
@ Rated DC Blocking Voltage
T
A =25°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Preliminary Data Sheet
2.0 Amp Glass Passivated
Sintered Rectifiers
............................................. 2.0 ...............................................
............................................. 6 5 ...............................................
Volts
Volts
Volts
Units
Amps
Amps
Volts
µAmps
............................................. 100 ...............................................
µAmps
pF
°C/W
µS
°C
............................................. 5.0 ...............................................
............................................. 2 0 ...............................................
............................................. 1 6 ...............................................
............................................. 2.5 ...............................................
......................................... -65 to 175 ..........................................
< .... 1.1 ....> < ............................... 1.0 ........................... >
Features
n LOWEST COST FOR GLASS SINTERED
CONSTRUCTION
n LOWEST V
F FOR GLASS SINTERED
CONSTRUCTION
n TYPICAL I
R < 100 nAmps
n 2.0 AMP OPERATION @ T
A = 125°C, WITH
NO THERMAL RUNAWAY
n SINTERED GLASS CAVITY-FREE
JUNCTION
2A
2B
2D
2G
2J
2K
2 M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
4.06/4.60
.01/.20
1.91/2.41
1.90/2.15
1.65/2.19
5.10/5/58
.11/.30
3.30/3.90
Package
‘‘SMB’’
Cathode


Similar Part No. - GFZ2A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GFZ20A FCI-GFZ20A Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
GFZ20B FCI-GFZ20B Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
GFZ20D FCI-GFZ20D Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
GFZ20G FCI-GFZ20G Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
GFZ20J FCI-GFZ20J Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
More results

Similar Description - GFZ2A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
EGFZ20A FCI-EGFZ20A Datasheet
124Kb / 2P
2.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
EGPZ20A FCI-EGPZ20A Datasheet
99Kb / 2P
2.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
GFZ10A FCI-GFZ10A Datasheet
143Kb / 2P
1.0 Amp Glass Passivated Sintered Rectifiers
GFZ20A FCI-GFZ20A Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
GPZ20A FCI-GPZ20A Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
RGPZ20A FCI-RGPZ20A Datasheet
136Kb / 2P
2.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
UGFZ20 FCI-UGFZ20 Datasheet
74Kb / 1P
2.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers
UGPZ20 FCI-UGPZ20 Datasheet
54Kb / 1P
2.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers Mechanical Dimensions
GFZ3A FCI-GFZ3A Datasheet
167Kb / 2P
3.0 Amp Glass Passivated Sintered Rectifiers
GLZ41A FCI-GLZ41A Datasheet
152Kb / 2P
1.0 Amp Glass Passivated Sintered Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com