Electronic Components Datasheet Search
  English  ▼

X  

TMXTA02 Datasheet(PDF) 3 Page - TEMEX

Part # TMXTA02
Description  SAW Bandpass Filter - DVB-C - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXTA02 Datasheet(HTML) 3 Page - TEMEX

  TMXTA02 Datasheet HTML 1Page - TEMEX TMXTA02 Datasheet HTML 2Page - TEMEX TMXTA02 Datasheet HTML 3Page - TEMEX TMXTA02 Datasheet HTML 4Page - TEMEX TMXTA02 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX TA02
SAW Bandpass Filter – DVB-C - RF
Preliminary Specification (Rev.1)- RF
Preliminary Specification (Rev 1)
January 09
th, 2006
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (balance)
Ohms
-
200
-
Load Impedance (balance)
Ohms
-
200
-
Center Frequency fc
MHz
-
1120
-
Bandwidth
MHz
32
-
-
Absolute Attenuation
0 MHz to 1048 MHz
dB
50
55
-
1048 MHz to 1064 MHz
dB
40
60
1064 MHz to 1070 MHz
dB
10
50
1166 MHz to 1176 MHz
dB
10
32
1176 MHz to 1191 MHz
dB
25
40
-
1191 MHz to 1222 MHz
dB
43
56
-
1222 MHz to 3120 MHz
dB
40
60
-
Insertion Loss within 1104 MHz ~ 1136 MHz
dB
-
3.9
4.9
Ripple within 1104 MHz ~ 1136 MHz
dB
-
0.8
1.5
Group Delay (p-p) within 1104 MHz ~ 1136 MHz
ns
-
9
15
Matching Network
Balance Impedance 200 Ohms
with L1 = 30nH
Balance Impedance 200 Ohms
with L2 = 50nH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com