Electronic Components Datasheet Search
  English  ▼

X  

STDEV003A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDEV003A
Description  3:1 TMDS / HDMI signal equalizer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003A Datasheet(HTML) 1 Page - STMicroelectronics

  STDEV003A Datasheet HTML 1Page - STMicroelectronics STDEV003A Datasheet HTML 2Page - STMicroelectronics STDEV003A Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2007
Rev 1
1/3
3
STDVE003A
3:1 TMDS / HDMI signal equalizer
Features
■ Compatible with HDMI v1.3 digital interface
■ Conforms to the TMDS voltage standard on
input and output channels
■ 340 MHz maximum clock speed operation
enabling up to 3.4 Gbps data rate per channel
■ Integrated open-drain I2C buffer for DDC lines
■ 5.3 V tolerant I2C I/O with 0 to 400 kHz
frequency
■ Ultra low capacitance of the channels
■ Equalizer regenerates the incoming attenuated
TMDS signal
■ Buffer drives the TMDS outputs over long PCB
track lengths
■ Very low output skew and jitter
■ Tight input thresholds reduce bit error rates
■ On-chip 50
Ω input termination
■ Integrated fail-safe feature sets outputs to
known state for un-driven inputs
■ Available in TQFP80 package footprint with
flow-through pin-out
■ -40°C to 85°C operating temperature range
■ Evaluation kit and samples are available
Description
The STDVE003A integrates a 4-channel 3.4 Gbps
TMDS equalizer and a 3:1 switch to select one of
the three HDMI ports. The three input HDMI ports
can be either external ports or internal sources.
High-speed data paths and flow-through pin-out
minimize internal device jitter and simplify board
layout. The equalizer overcomes ISI jitter effects
from lossy cables. The buffer/driver on the output
can drive the TMDS output signals over long
distances. In addition to this, STDVE003A
integrates the 50
Ω termination resistor on all
input channels to improve performance and
reduce board space. The device can be put in a
low-power mode by disabling the output current
drivers.
The STDVE003A is ideal for advanced HDTV
applications demanding HDMI deep colour (16-
bit) superior image quality. The switch preserves
the signal integrity to pass the stringent HDMI
compliance requirements.
TQFP80
Table 1.
Device summary
Order code
Operating temperature
Package
Packaging
STDEV003A
-40°C to 85°C
TQFP80
Tape and Reel
www.st.com


Similar Part No. - STDEV003A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDEV003ABTR STMICROELECTRONICS-STDEV003ABTR Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
More results

Similar Description - STDEV003A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
Pericom Semiconductor C...
PI3HDMI413-A PERICOM-PI3HDMI413-A Datasheet
781Kb / 11P
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
HDMI/DVI TMDS Equalizer
REV. 0
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com