Electronic Components Datasheet Search
  English  ▼

X  

STP10NK70ZFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP10NK70ZFP
Description  N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH??MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK70ZFP Datasheet(HTML) 4 Page - STMicroelectronics

  STP10NK70ZFP Datasheet HTML 1Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 2Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 3Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 4Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 5Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 6Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 7Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 8Page - STMicroelectronics STP10NK70ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2 Electrical characteristics
STP10NK70Z - STP10NK70ZFP
4/13
Table 7.
Source drain diode
Table 8.
Gate-source zener diode
(1) ISD ≤8.6 A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Pulse width limited by safe operating area
(3) Limited only by maximum temperature allowed
(4) Pulsed: pulse duration = 300µs, duty cycle 1.5%
(5) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80%VDSS
(6)The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s ESD capability, but
also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this
respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDMNote 2
Source-drain Current
Source-drain Current (pulsed)
8.6
34
A
A
VSDNote 4
Forward on Voltage
ISD=8.6 A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=9A, di/dt = 100A/µs,
VDD=35 V, Tj=150°C
720
5.4
15
ns
µC
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Note 6
Gate-Source
Breakdown Voltage
Igs=±1mA
(Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com