Electronic Components Datasheet Search
  English  ▼

X  

KBPC801 Datasheet(PDF) 1 Page - First Components International

Part # KBPC801
Description  8.0 Amp SINGLE PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC801 Datasheet(HTML) 1 Page - First Components International

  KBPC801 Datasheet HTML 1Page - First Components International KBPC801 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 125 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
KBPC800 . . . 810 Series
Average Forward Rectified Current...I
F(av)
T
C =100°C
T
A =50°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single ½ Sine Wave Imposed on Rated Load
Rating for Fusing (T < 8.3 mS)
Forward Voltage...V
F
Bridge Element @ 8.0 Amps
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Typical Junction Capacitance...C
J
Operating & Storage Temperature Range...T
J, TSTRG
Data Sheet
8.0 Amp
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 8.0 ...............................................
............................................. 8.0 ...............................................
............................................. 150 ...............................................
............................................. 127 ...............................................
............................................. 1.2 ...............................................
............................................. 1 0 ...............................................
............................................. 1.0 ...............................................
......................................... -55 to 150 ..........................................
Amps
Amps
Amps
A2S
Volts
µAmps
mAmps
pF
°C
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n COMPACT SIZE
n LOW LEAKAGE CURRENT
KBPC800 KBPC801 KBPC802 KBPC804 KBPC806 KBPC808 KBPC810
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
< ..................... 186 .................... > < ............ 9 0 .......... >
Page 3-25
Mechanical Data: Mounting Position - Any.
Weight - 20 Grams.
Mechanical Dimensions


Similar Part No. - KBPC801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC801 WTE-KBPC801 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC801 JGD-KBPC801 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC801 SEMTECH-KBPC801 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC801 SSE-KBPC801 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC801 CHENYI-KBPC801 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC801

ManufacturerPart #DatasheetDescription
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
RS801M BYTES-RS801M Datasheet
148Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBU800 FCI-KBU800 Datasheet
173Kb / 2P
8.0 Amp SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
GBJ801 UNIOHM-GBJ801 Datasheet
67Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU801 GWSEMI-GBU801 Datasheet
64Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 GWSEMI-KBU801 Datasheet
68Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBU8005 DGNJDZ-GBU8005 Datasheet
280Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
BR805-BR810 DGNJDZ-BR805-BR810 Datasheet
190Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com