Electronic Components Datasheet Search
  English  ▼

X  

SP721AP Datasheet(PDF) 4 Page - Littelfuse

Part # SP721AP
Description  Electronic Protection Array for ESD and Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721AP Datasheet(HTML) 4 Page - Littelfuse

  SP721AP Datasheet HTML 1Page - Littelfuse SP721AP Datasheet HTML 2Page - Littelfuse SP721AP Datasheet HTML 3Page - Littelfuse SP721AP Datasheet HTML 4Page - Littelfuse SP721AP Datasheet HTML 5Page - Littelfuse SP721AP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
237
www .littelfuse .com
5
TVS Diode Arrays
SP721
Electronic Protection Array for ESD and Overvoltage Protection
Peak Transient Current Capability of the SP721
The peak transient current capability rises sharply as the width of the
current pulse narrows. Destructive testing was done to fully evaluate the
SP721’s ability to withstand a wide range of peak current pulses vs time.
The circuit used to generate current pulses is shown in Figure 5.
The test circuit of Figure 5 is shown with a positive pulse input. For a
negative pulse input, the (-) current pulse input goes to an SP721 ‘IN’
input pin and the (+) current pulse input goes to the SP721 V- pin. The
V+ to V- supply of the SP721 must be allowed to float. (i.e., It is not tied
to the ground reference of the current pulse generator.) Figure 6 shows
the point of overstress as defined by increased leakage in excess of the
data sheet published limits.
The maximum peak input current capability is dependent on the ambient
temperature, improving as the temperature is reduced. Peak current
curves are shown for ambient temperatures of 25oC and 105oC and a 15V
power supply condition. The safe operating range of the transient peak
current should be limited to no more than 75% of the measured over-
stress level for any given pulse width as shown in the curves of Figure 6.
Note that adjacent input pins of the SP721 may be paralleled to improve
current (and ESD) capability. The sustained peak current capability is
increased to nearly twice that of a single pin.
+
-
VOLTAGE
PROBE
+
-
R1 ~ 10Ω TYPICAL
VX
VX ADJ. 10V/A TYPICAL
R1
(-)
(+)
C1 ~ 100µF
C1
VARIABLETIME DURATION
CURRENT PULSE GENERATOR
1
2
3
4
8
7
6
5
V+
IN
IN
IN
IN
IN
IN
V-
SP721
CURRENT
SENSE
FIGURE 5. TYPICAL SP721 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLEPULSE WIDTH INPUT
0.001
0.01
0.1
1
PULSE WIDTH TIME (ms)
10
7
6
5
4
3
2
1
0
TA = 105
oC
100
1000
CAUTION: SAFE OPERATING CONDITIONS LIMIT
OF THE VALUES SHOWN ON EACH CURVE.
PULSE WIDTH TO BE NO GREATER THAN 75%
THE MAXIMUM PEAK CURRENT FOR A GIVEN
V+ TO V- SUPPLY = 15V
TA = 25
oC
FIGURE 6. SP721 TYPICAL SINGLE PULSE PEAK CURRENT CURVES SHOWING THE MEASURED POINT OF OVERSTRESS IN
AMPERES vs PULSE WIDTH TIME IN MILLISECONDS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com