Electronic Components Datasheet Search
  English  ▼

X  

AM12 Datasheet(PDF) 1 Page - SOVICO corp.

Part # AM12
Description  MULTI CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

AM12 Datasheet(HTML) 1 Page - SOVICO corp.

  AM12 Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MULTI CABLE
AM12
주식회사 소비코프로페셔널
경 기 도 양 주 시 백석 읍 권 율 로
120 3번길 39- 33
T E L . 0 2 - 2 10 6- 2 8 55 / F A X. 02
- 210 6- 2 85 6
h t t p:/ /ww w. s ov i cop ro. c om
내 용
규 격
용도
MULTI CABLE
채널
12 채널(CH)
전용단자
XLR(F) to XLR(M) 3P 커넥터
선심수
24 심(CORE)
외경
12.7 mm
무게
/ 길이
18.0 Kg / 100 m
주요 사양
주요 특징
• MICROPHONE
또는 음향기기간에 최대
12 채널의 신호를 연결시켜주는 BALANCED
TYPE CABLE
• LS 전선 케이블 사용


Similar Part No. - AM12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
AM1203-303N WALL-AM1203-303N Datasheet
419Kb / 4P
1 Watt Surface Mount DC/DC Converter Single Output
AM1205-200N WALL-AM1205-200N Datasheet
210Kb / 2P
This economically priced converter is perfect for low power applications
AM1205-200N WALL-AM1205-200N Datasheet
419Kb / 4P
1 Watt Surface Mount DC/DC Converter Single Output
AM1205-200NI WALL-AM1205-200NI Datasheet
148Kb / 2P
Highly suitable for high speed pick and place machine operation
AM1205-200NI WALL-AM1205-200NI Datasheet
142Kb / 3P
Single Output Surface Mount Package
More results

Similar Description - AM12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0101EQ CYPRESS-CYV15G0101EQ_07 Datasheet
250Kb / 10P
Multi Rate Video Cable Equalizer
CYV15G0102EQ CYPRESS-CYV15G0102EQ Datasheet
88Kb / 10P
Multi-Rate Video Cable Equalizer
logo
General Cable Technolog...
C0550A GENERAL-C0550A Datasheet
59Kb / 1P
MULTI-PAIR COMMUNICATION CABLE
C0561A GENERAL-C0561A Datasheet
60Kb / 1P
MULTI-PAIR COMMUNICATION CABLE
C1352A GENERAL-C1352A Datasheet
58Kb / 1P
MULTI-PAIR COMMUNICATION CABLE
logo
Assmann Electronics Inc...
AWG28-09-F-1-300-R ASSMANN-AWG28-09-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-25-F-1-300-R ASSMANN-AWG28-25-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-37-F-1-300-R ASSMANN-AWG28-37-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-44-F-1-300-R ASSMANN-AWG28-44-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-50-F-1-300 ASSMANN-AWG28-50-F-1-300 Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com