Electronic Components Datasheet Search
  English  ▼

X  

AH1883 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1883
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1883 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1883 Datasheet HTML 1Page - Diodes Incorporated AH1883 Datasheet HTML 2Page - Diodes Incorporated AH1883 Datasheet HTML 3Page - Diodes Incorporated AH1883 Datasheet HTML 4Page - Diodes Incorporated AH1883 Datasheet HTML 5Page - Diodes Incorporated AH1883 Datasheet HTML 6Page - Diodes Incorporated AH1883 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AH1883
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1883 Rev. 1
3 of 7
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
AH1883
Vdd
Output
Gnd
Absolute Maximum Ratings
(at TA= 25
°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply voltage
5
V
B
Magnetic flux density
Unlimited
TA
Operating Temperature Range
-40 to +85
°C
Ts
Storage Temperature Range
-65 to +150
°C
PD
Package Power Dissipation
230
mW
TJ
Maximum Junction Temperature
150
°C
Symbol
Parameter
Conditions
Rating
Unit
Vdd
Supply Voltage
Operating
1.65~3.3
V
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VOH
Output On Voltage (High side)
IO= -0.5mA
Vdd-0.2
-
-
V
VOL
Output On Voltage (Low side)
IO= 0.5mA
-
-
0.2
V
Ioff
Output Leakage Current
Output off
-
<
0.1
1
µA
Idd(en)
Chip enable
-
2
4
mA
Idd(dis)
Chip disable
-
5
8
uA
Idd(avg)
Supply Current
average supply current
-
7
12
uA
Tawake
Awake Time
-
50
100
µs
Tperiod
Period
-
50
100
ms
D.C.
Duty Cycle
-
0.1
-
%
Typical Circuit
Recommended Operating Conditions
(TA = 25
°C )
Electrical Characteristics
(TA = +25
°C, Vdd = 1.8V; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com