Electronic Components Datasheet Search
  English  ▼

X  

LL700A Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LL700A
Description  SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL700A Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LL700A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 07/02/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LL700, LL700A
SILICON EPITAXIAL PLANAR TYPE
SCHOTTKY BARRIER DIODES
for Ordinary Wave Detection
for Super High Speed Switching
Features
•
Low forward rise voltage (VF) and satisfactory wave
•
detection efficiency (
η)
•
Small temperature coefficient of forward characteristic
•
Extremely low reverse current IR
Absolute Maximum Ratings (Ta = 25
oC)
Parameter
Symbol
Rating
Unit
LL700
15
Reverse Voltage (DC)
LL700A
VR
30
V
LL700
15
Peak Reverse Voltage
LL700A
VRM
30
V
Forward Current (DC)
IF
30
mA
Peak Forward Current
IFM
150
mA
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-55 to +125
OC
Characteristics at Ta = 25
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VF1
IF = 1mA
-
-
0.4
Forward Voltage (DC)
VF2
IF = 30mA
-
-
1
V
LL700
VR = 15V
-
-
100
Reverse
Current (DC)
LL700A
IR
VR = 30V
-
-
150
nA
Terminal Capacitance
Ct
VR = 1V, f = 1MHz
-
1.3
-
pF
Reverse Recovery Time*
trr
IF = IR = 10mA
Irr = 1mA, RL = 100Ω
-
1
-
ns
Detection Efficiency
η
Vin = 3V(peak), f = 30MHz
RL = 3.9kΩ, CL = 10pF
-
60
-
%
Note: (1) Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on
Note: (1) the charge of a human body and the leakage of current from the operating equipment.
Note: (2) Rated input / output frequency: 2,000MHz.
Note: (3) *: trr measuring instrument


Similar Part No. - LL700A

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
LL700A GXELECTRONICS-LL700A Datasheet
453Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
logo
SUNMATE electronic Co.,...
LL700A SUNMATE-LL700A Datasheet
1Mb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - LL700A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
RLS245 SEMTECH-RLS245 Datasheet
62Kb / 1P
Silicon Expitaxial Planar Diode?
logo
Panasonic Semiconductor
MA2SD032 PANASONIC-MA2SD032 Datasheet
78Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA27D30 PANASONIC-MA27D30 Datasheet
84Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA4ZD03 PANASONIC-MA4ZD03 Datasheet
82Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
logo
SEMTECH ELECTRONICS LTD...
RB441Q-40 SEMTECH_ELEC-RB441Q-40 Datasheet
133Kb / 2P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
RB521S CDIL-RB521S Datasheet
130Kb / 3P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODE
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com