Electronic Components Datasheet Search
  English  ▼

X  

SF32 Datasheet(PDF) 1 Page - First Components International

Part # SF32
Description  3.0 Amp SUPER FAST PLASTIC RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SF32 Datasheet(HTML) 1 Page - First Components International

  SF32 Datasheet HTML 1Page - First Components International SF32 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
SF31 . . . 36 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Forward Voltage @ 3.0A...V
F
DC Reverse Current...I
R
T
A = 25°C
@ Rated DC Blocking Voltage
T
A = 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Reverse Recovery Time...t
RR (Note 2)
Operating & Storage Temperature Range...T
J, TSTRG
Page 4-28
Data Sheet
3.0 Amp SUPER FAST
PLASTIC RECTIFIERS
Units
Amps
Amps
Volts
µAmps
pF
nS
°C
n LOW COST
n LOW LEAKAGE
n HIGH SURGE CAPABILITY
n MEETS UL SPECIFICATION 94V-O
Volts
Volts
Volts
SF31
SF32
SF33
SF34
SF35
SF36
50
100
150
200
250
400
35
70
105
140
175
280
50
100
150
200
250
400
............................................. 3.0 ...............................................
............................................. 75 ...............................................
............................................. 5.0 ...............................................
............................................. 100 ...............................................
............................................. -65 to 150 .......................................
< ......................... 0.95 ........................ > < ........ 1.4 ....... >
< ......................... 35 ........................ > < ........ 75 ....... >
D027A
.374
.197
.050
1.00 Typ.


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF32 WTE-SF32 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF32 ZOWIE-SF32 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF32 RECTRON-SF32 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF32 JGD-SF32 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Bytes
SF31 BYTES-SF31 Datasheet
161Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF31 FORMOSA-SF31 Datasheet
36Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
SF38 FORMOSA-SF38 Datasheet
65Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
HER301 FCI-HER301 Datasheet
158Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER308 FCI-HER308 Datasheet
135Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF31 UNIOHM-SF31 Datasheet
70Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF4 LUGUANG-31DF4 Datasheet
183Kb / 2P
3.0 AMP. Super Fast Rectifiers
logo
First Components Intern...
SF31 FCI-SF31_1 Datasheet
647Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW COST
logo
Goodwork Semiconductor ...
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF31 YIXIN-SF31 Datasheet
262Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com