Electronic Components Datasheet Search
  English  ▼

X  

TCPS260 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCPS260
Description  3U CompactPCI Serial PMC Module Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCPS260 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCPS260 Datasheet HTML 1Page - TEWS Technologies GmbH TCPS260 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2020-07-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Power Supplies
P1
1x PCIe
x1 PCIe
PCI
XIO2001
PCIe-to-PCI
Bridge
Order Information
RoHS Compliant
TCPS260-10R
3U CompactPCI Serial PMC Module Carrier, PCIe x1
Documentation
TCPS260-DOC
User Manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com