Electronic Components Datasheet Search
  English  ▼

X  

SA17 Datasheet(PDF) 3 Page - First Components International

Part # SA17
Description  5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SA17 Datasheet(HTML) 3 Page - First Components International

  SA17 Datasheet HTML 1Page - First Components International SA17 Datasheet HTML 2Page - First Components International SA17 Datasheet HTML 3Page - First Components International SA17 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Page 11-8
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% /°°°°°C
Min.
Max.
V
BR
Volts (Note 1)
Breakdown
Voltage
SA5.0
SA5.0A
SA6.0
SA6.0A
SA6.5
SA6.5A
SA7.0
SA7.0A
SA7.5
SA7.5A
SA8.0
SA8.0A
SA8.5
SA8.5A
SA9.0
SA9.0A
SA10
SA10A
SA11
SA11A
SA12
SA12A
SA13
SA13A
SA14
SA14A
SA15
SA15A
SA16
SA16A
SA17
SA17A
SA18
SA18A
SA20
SA20A
SA22
SA22A
SA24
SA24A
SA26
SA26A
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.20
9.21
10.90
9.83
11.50
10.40
12.20
11.10
13.60
12.30
14.90
13.50
16.30
14.70
17.60
15.90
19.10
17.20
20.40
18.50
21.80
19.70
23.10
20.90
24.40
22.10
27.10
24.50
29.80
26.90
32.60
29.50
35.30
31.90
10.00
10.00
10.00
10.00
10.00
10.00
10.00
10.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
5.00
5.00
6.00
6.00
6.50
6.50
7.00
7.00
7.50
7.50
8.00
8.00
8.50
8.50
9.00
9.00
10.00
10.00
11.00
11.00
12.00
12.00
13.00
13.00
14.00
14.00
15.00
15.00
16.00
16.00
17.00
17.00
18.00
18.00
20.00
20.00
22.00
22.00
24.00
24.00
26.00
26.00
600
600
600
600
400
400
150
150
50.00
50.00
25.00
25.00
10.00
10.00
5.00
5.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
52.00
54.30
43.90
48.50
40.70
44.70
37.80
41.70
35.00
38.80
33.30
36.70
31.40
34.70
29.50
32.50
26.60
29.40
24.90
27.40
22.70
25.10
21.00
23.20
19.40
21.50
18.80
20.60
17.60
19.20
16.40
18.10
15.50
17.20
13.90
15.40
12.70
14.10
11.60
12.80
10.70
11.90
9.60
9.20
11.40
10.30
12.30
11.20
13.30
12.00
14.30
12.90
15.00
13.60
15.90
14.40
16.90
15.40
18.80
17.00
20.10
18.20
22.00
19.90
23.80
21.50
25.80
23.20
26.90
24.40
28.80
26.00
30.50
27.60
32.20
29.20
35.80
32.40
39.40
35.50
43.00
38.90
46.60
42.10
5.00
5.00
5.00
5.00
5.00
5.00
6.00
6.00
7.00
7.00
7.00
7.00
8.00
8.00
9.00
9.00
10.00
10.00
11.00
11.00
12.00
12.00
13.00
13.00
14.00
14.00
16.00
16.00
19.00
17.00
20.00
19.00
21.00
20.00
25.00
23.00
28.00
25.00
31.00
28.00
31.00
30.00
Maximum
Clamping
Voltage
@ I
PPM
V
C (V)
Peak
Pulse
Current
I
PPM (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
PPM
I
R (µA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com