Electronic Components Datasheet Search
  English  ▼

X  

TIP150 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP150
Description  2 Channel Synchro / Resolver-To-Digital-Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP150 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP150 Datasheet HTML 1Page - TEWS Technologies GmbH TIP150 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.4
2019-09-27
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TIP150
2 Channel Synchro / Resolver-To-Digital-Converter
Application Information
The TIP150 is an IndustryPack® compatible module
providing two channels of a tracking synchro / resolver-to-
digital converter. The resolution programming allows
selection of 10, 12, 14 or 16 bit conversion. This combines
the high tracking rate of a 10 bit converter with the
precision of a 16 bit converter.
Two converter accuracy options are available:
TIP150-40R with 4 arcmin +1LSB converter accuracy and
TIP150-41R with 2 arcmin +1LSB converter accuracy.
The
customer
specific
signal
conditioning
adapter
(TIP150-Ay-xx) per channel provides an easy interface to
different types of synchro and resolvers. For highest
accuracy the on-board reference oscillator of the signal
conditioning adapters TIP150-A2-xx and TIP150-A4-xx
automatically compensates the phase error generated by
the synchro / resolver.
Software support (TIP150-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 Two channel Tracking Synchro/Resolver-To-Digital-
Converter
 Programmable resolution 10, 12, 14 or 16 bits
 Adjustable bandwidth
 Converter accuracy 4 or 2 arcmin + 1LSB
 Velocity output and built-in-test output
 Individual input voltage for each channel by matching
signal conditioning adapter
 Optional reference oscillator for each channel on
signal conditioning adapter
 Reference oscillator frequency factory selectable
2 - 10KHz
 Reference oscillator output level 11.8Vrms maximum
 Resolver phase error compensation


Similar Part No. - TIP150

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
POWER TRANSISTORS(7A,300-400V,80W)
logo
Power Innovations Ltd
TIP150 POINN-TIP150 Datasheet
188Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIP150 TRSYS-TIP150 Datasheet
878Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
TIP150 SAVANTIC-TIP150 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP150 ISC-TIP150 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - TIP150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
logo
List of Unclassifed Man...
VMIVME-4905 ETC2-VMIVME-4905 Datasheet
89Kb / 3P
High Power Digital-to-Synchro/Resolver Converter Board
logo
Analog Devices
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
DRC1746 AD-DRC1746_15 Datasheet
3Mb / 8P
HIGH POWER OUTPUT HYBRID DIGITAL TO SYNCHRO RESOLVER CONVERTERS
REV. A
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
DRC1745 AD-DRC1745_15 Datasheet
3Mb / 8P
High Power Output Hybrid Digital to Synchro Resolver Converters
REV. A
AD2S44 AD-AD2S44_17 Datasheet
338Kb / 13P
Dual Channel Synchro/Resolver-to-Digital Converter
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com