Electronic Components Datasheet Search
  English  ▼

X  

TIP302 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP302
Description  Multiprotocol Communication IP based on MC68302
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP302 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP302 Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
10/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TIP302 Multiprotocol Communication IP based on MC68302
Application Information
The TIP302 is an IndustryPack
® compatible module with a
serial communication I/O interface using the Motorola
MC68302 Multiprotocol Communication Processor running
at 25 MHz.
The MC68302 contains a 68K core processor, a micro
coded RISC communication processor, 6 serial DMA
channels, 3 timers, an interrupt controller, 3 independent
full-duplex serial communication controllers (SCCs) and
1152 bytes of on-chip RAM.
The TIP302 provides TTL level interface for all 3 SCC’s of
the MC68302 at the IP I/O connector. A variety of physical
layer standards, such as RS232, RS422, RS485 or ISDN
can be supported by the use of custom transition modules.
Internal microcode in the MC68302 supports a variety of
protocols,
such
as
BISYNC,
HDLC,
SDLC,
UART,
DDCMP, V.110, ISDN (2B+D) and transparent modes.
The TIP302 provides 1 Mbytes of static RAM (SRAM) as
dual-port memory for both, MC68302 code and user data.
The code is downloaded to the SRAM by the IP host CPU
prior to removing the MC68302 reset signal by writing to a
control register. Once the MC68302 reset signal is re-
moved, the MC68302 starts fetching code from the SRAM.
The SRAM, the MC68302 registers and the MC68302 on-
chip RAM are accessible by the MC68302 and the IP host
CPU by arbitration. The local bus arbitration is transparent
to the IP host CPU.
Both the IP host CPU and the MC68302 are capable of
generating interrupts to each other.
For First-Time-Buyers the Engineering Documentation
TIP302-ED is recommended. The Engineering Documen-
tation includes TIP302-DOC, schematics and data sheets.
Technical Information
Interface according to IndustryPack specification
Identification-PROM supports auto-configuration
Single Size IndustryPack
1 Mbytes of Dual-Port SRAM, organized as 512K x 16
for program and data
MC68302 Multiprotocol Communication Processor
(25 MHz)
Interface: TTL level interface for all 3 SCC’s
Operating temperature: 0°C to +70°
Order Information
RoHS Compliant
TIP302-12R
Multiprotocol Communication IP
None RoHS Compliant
TIP302-12
None RoHS compliant version of
TIP302-12R
Documentation
TIP302-DOC
User Manual
TIP302-ED
Engineering Documentation, includes
TIP302-DOC
Software
For Software Support please contact TEWS


Similar Part No. - TIP302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results

Similar Description - TIP302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
MRG1781 ETC2-MRG1781 Datasheet
35Kb / 2P
Coaxial communication cable based on MIL-C-17
MRG1791 ETC2-MRG1791 Datasheet
35Kb / 2P
Coaxial communication cable based on MIL-C-17
URM43 ETC2-URM43 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM76 ETC2-URM76 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM202 ETC2-URM202 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
logo
STMicroelectronics
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com