Electronic Components Datasheet Search
  English  ▼

X  

TIP501 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP501
Description  16 Channels of Isolated 16 bit A/D Conversion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP501 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP501 Datasheet HTML 1Page - TEWS Technologies GmbH TIP501 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP501
16 Channels of Isolated 16 bit A/D Conversion
Application Information
The TIP501 is an IndustryPack
 compatible module
providing 16 single-ended or 8 differential channels of
isolated 16 bit A/D conversion. The data acquisition and
conversion time is up to 12µs without channel / gain
change and up to 14.5µs with channel / gain change.
The input multiplexer offers analog overvoltage protection
of up to 70Vpp. A programmable gain amplifier allows
gains of 1, 2, 5, 10 or 1, 2, 4, 8. The full-scale input range
is +/-10V for the TIP501-1xR and 0-10V for the TIP501-
2xR. The isolated ADC, programmable gain amplifier and
multiplexer are powered by an on board DC/DC converter.
An interrupt can be generated at end-of-conversion
supporting an 8 bit vector. Each TIP501 is factory
calibrated. The calibration information is stored in the
Identification-PROM unique to each IP.
Software Support (TIP501-SW-xx) for different operating
systems is available.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 16 single-ended or 8 differential channels of isolated
16 bit A/D conversion
 ESD protected input multiplexer
 Programmable gain amplifier, gain 1, 2, 5, 10 or gain
1, 2, 4, 8
 16 bit A/D converter with internal S/H and reference
 Full-scale input range +/- 10 V or 0-10V (gain = 1)
 Interrupt capability at end-of-conversion
 Factory calibrated, calibration information in
Identification-PROM unique to each IP
 Operating temperature –40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
TIP501-10 ETC2-TIP501-10 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
TIP501-11 ETC2-TIP501-11 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
TIP501-20 ETC2-TIP501-20 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
TIP501-21 ETC2-TIP501-21 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
More results

Similar Description - TIP501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com