Electronic Components Datasheet Search
  English  ▼

X  

TIP550 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP550
Description  8 (4) Channels of Isolated 12 bit D/A Conversion
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP550 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP550 Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
10/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TIP550 8 (4) Channels of Isolated 12 bit D/A Conversion
Application Information
The TIP550 is an IndustryPack
® compatible module and
provides 8 or 4 channels of isolated 12 bit analog outputs.
The
settling
time
to
0.01%
is
13µs
typical.
The
programmable output voltage range is +/-10V or 0-10V
selectable by jumper. The isolated DAC and the output
buffer are powered by an on board DC/DC converter.
Each
TIP550
is
factory
calibrated.
The
calibration
information is stored in the Identification-PROM unique to
each IP.
For First-Time-Buyers the Engineering Documentation
TIP550-ED
is
recommended.
The
Engineering
Documentation includes TIP550-DOC, schematics and
data sheets.
Software Support (TIP550-SW-xx) for different operating
systems is available.
Technical Information
Interface according to IndustryPack specification
Identification-PROM supports auto-configuration
Single Size IndustryPack
8 (4) channels of isolated 12 bit analog output
Full-scale output range +/-10 V or 0-10V selectable by
jumper
Factory calibrated, calibration information in
Identification-PROM unique to each IP
Operating temperature -40°C to +85°C
Order Information
RoHS Compliant
TIP550-10R
8 Channels of Isolated 12 bit Analog
Output
TIP550-11R
4 Channels of Isolated 12 bit Analog
Output
None RoHS Compliant
TIP550-10
None RoHS compliant version of
TIP550-10R
TIP550-11
None RoHS compliant version of
TIP550-11R
Documentation
TIP550-DOC
User Manual
TIP550-ED
Engineering Documentation, includes
TIP550-DOC
Software
TIP550-SW-25
Integrity Software Support
TIP550-SW-42
VxWorks Software Support
(Legacy and VxBus-Enabled Software
Support)
TIP550-SW-65
Windows XP/XPE/2000 Software
Support
TIP550-SW-72
LynxOS Software Support
TIP550-SW-82
LiNUX Software Support
TIP550-SW-95
QNX 6 Software Support
For other operating systems please contact TEWS.


Similar Part No. - TIP550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP550-10 ETC1-TIP550-10 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP550-11 ETC1-TIP550-11 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP550-DOC ETC1-TIP550-DOC Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP550-ED ETC1-TIP550-ED Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
More results

Similar Description - TIP550

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ADC87 ICST-ADC87 Datasheet
1Mb / 6P
12-bit, 8 Usec Military A/D Converter
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
Micro Analog systems
MAS9184A MAS-MAS9184A Datasheet
132Kb / 9P
12 X 8-bit D to A Converter
MAS9187 MAS-MAS9187 Datasheet
141Kb / 7P
12 X 8-bit D to A Converter
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Micro Analog systems
MAS9188 MAS-MAS9188 Datasheet
195Kb / 10P
12 횞 8-Bit D to A Converter
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com