Electronic Components Datasheet Search
  English  ▼

X  

TIP551 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP551
Description  4 Channels of Isolated 16 bit D/A Conversion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP551 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP551 Datasheet HTML 1Page - TEWS Technologies GmbH TIP551 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP551
4 Channels of Isolated 16 bit D/A Conversion
Application Information
The TIP551 is an IndustryPack
 compatible module and
offers 4 channels of isolated 16 bit analog outputs. Settling
time to 0.003% is 10µs typical. The programmable output
voltage range is +/-10V or 0-10V selectable by jumper.
The DAC clears to 0V in both unipolar and bipolar output.
The isolated DAC and the output buffer are powered by an
on board DC/DC converter.
Each
TIP551
is
factory
calibrated.
The
calibration
information is stored in the Identification-PROM unique to
each IP.
Software Support (TIP551-SW-xx) for different operating
systems is available.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 4 channels of isolated 16 bit analog output
 Full-scale output range +/-10 V or 0-10V selectable by
jumper
 Factory calibrated, calibration information in
Identification-PROM unique to each IP
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP551-10 ETC2-TIP551-10 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP551-DOC ETC2-TIP551-DOC Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP551-ED ETC2-TIP551-ED Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP551-SW-12 ETC2-TIP551-SW-12 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
More results

Similar Description - TIP551

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
logo
Agilent(Hewlett-Packard...
HCPL-7860 HP-HCPL-7860 Datasheet
346Kb / 28P
Isolated 15-bit A/D Converter
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com