Electronic Components Datasheet Search
  English  ▼

X  

TIP670 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP670
Description  8 (4) Digital Inputs, 8 (4) Digital Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP670 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP670 Datasheet HTML 1Page - TEWS Technologies GmbH TIP670 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP670
8 (4) Digital Inputs, 8 (4) Digital Outputs
Application Information
The TIP670 is an IndustryPack
 compatible module with
8 (4) digital inputs galvanically isolated by optocoupler.
The individual inputs are potential free in relation to each
other. A high performance input circuit ensures a defined
switching
point
and
polarization
protection
against
confusing the pole.
All inputs have an electronic debounce circuit with fixed
debounce time. All inputs can generate an interrupt. The
signal edge handling is programmable. For systems with
particularly fast reaction, each input can be assigned its
own interrupt vector.
The TIP670 has 8 (4) digital outputs with galvanic isolation
via optocouplers. The outputs are isolated against each
other in groups of two. All outputs resist short-circuits and
are protected against thermal overload.
The output drivers are capable of driving 0.5A continuous
per channel. Each output can be configured individually as
high or low side switch.
The driver software TIP670-SW-xx provides functions to
configure the TIP670, read the input status, write the
output status and connect software events to input state
changes.
Software Support (TIP670-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 8 (4) interrupt generating digital inputs
 24V signal voltage for inputs
 Optocouplers for galvanic isolation of input to
computer system
 All inputs isolated against each other
 All inputs protected against confusing the pole
 All inputs have an electronic debounce circuit with
fixed debounce time
 8 (4) digital outputs, high and low side switches
 24V signal voltage, current per output 0.5A
 Optocouplers for galvanic isolation of outputs to
computer system
 Outputs are short-circuit protected
 Outputs are isolated against each other in groups of
two
 Outputs protected against thermal overload
 Watch dog timer resets all channels in case of
triggering failure
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP670

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP672 TEWS-TIP672 Datasheet
125Kb / 2P
24 Differential I/O Lines with Interrupts
2017-08-24
TIP672-10R TEWS-TIP672-10R Datasheet
125Kb / 2P
24 Differential I/O Lines with Interrupts
2017-08-24
TIP672-10R-ET TEWS-TIP672-10R-ET Datasheet
125Kb / 2P
24 Differential I/O Lines with Interrupts
2017-08-24
TIP672-DOC TEWS-TIP672-DOC Datasheet
125Kb / 2P
24 Differential I/O Lines with Interrupts
2017-08-24
TIP672-SW-42 TEWS-TIP672-SW-42 Datasheet
125Kb / 2P
24 Differential I/O Lines with Interrupts
2017-08-24
More results

Similar Description - TIP670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-7260 ETC2-PCI-7260 Datasheet
244Kb / 1P
8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
PHOENIX CONTACT
2700173 PHOENIX-2700173 Datasheet
174Kb / 10P
Inline, digital input terminal, digital inputs: 8, 24 V DC
2867144 PHOENIX-2867144 Datasheet
69Kb / 3P
Digital extension module with 8 digital inputs
2867157 PHOENIX-2867157 Datasheet
68Kb / 3P
Digital extension module with 8 digital outputs
logo
Moxa Inc.
E3200 MOXA-E3200 Datasheet
611Kb / 4P
Ethernet peer-to-peer I/O with 8 digital inputs and 8 digital outputs
logo
Carlo Gavazzi Holding A...
G34409943824 CARLOGAVAZZI-G34409943824 Datasheet
892Kb / 7P
4 inputs / 4 outputs digital transceiver
logo
WAGO Kontakttechnik Gmb...
706-3037-305-100 WAGO-706-3037-305-100 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-200 WAGO-706-3037-305-200 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-300 WAGO-706-3037-305-300 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
logo
Schneider Electric
TPRDG4X2 SCHNEIDER-TPRDG4X2 Datasheet
110Kb / 3P
Digital IO module, TeSys island, 4 inputs, 2 outputs
May 9, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com