Electronic Components Datasheet Search
  English  ▼

X  

TIP672 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP672
Description  24 Differential I/O Lines with Interrupts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP672 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP672 Datasheet HTML 1Page - TEWS Technologies GmbH TIP672 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP672
24 Differential I/O Lines with Interrupts
Application Information
The TIP672 is an IndustryPack® compatible module
providing 24 digital differential I/O lines using EIA-422 /
EIA-485
compatible
ESD
protected
line
driver
and
receiver. Each line can be individually configured as
differential input or differential output.
The differential receivers are always enabled, allows
determining the state of the I/O line at any time. This can
be used as read back function for lines configured as
outputs.
All 24 input lines can generate an interrupt. Each input
interrupt can individually be enabled and cleared. The
signal edge handling is programmable.
Configuring an I/O line as output enables the differential
transmitter and the I/O line reflects the state programmed
in the output register.
Optional the I/O lines can be configured for simultaneous
update internally and across several IP’s by an external
clock source. The polarity of the external clock source is
programmable.
6 resistor networks (4 x 120 ohms) mounted in sockets are
used to terminate the differential I/O lines. The resistor
networks can be removed or changed in value.
After power-on or reset all I/O lines are configured as input
and all pending interrupts are cleared.
Software Support (TIP672-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 24 digital I/O lines with differential EIA-422 / EIA-485
compatible ESD protected line driver / receiver
 I/O lines individually programmable as input or output
 Full interrupt capability on inputs
 Six 4 x 120 ohms resistor networks mounted in
sockets for I/O line termination
 Programmable simultaneous update feature by
external clock source (TTL level)
 Operating temperature range -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP672

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP670 TEWS-TIP670 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-10R TEWS-TIP670-10R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-20R TEWS-TIP670-20R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-DOC TEWS-TIP670-DOC Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-SW-42 TEWS-TIP670-SW-42 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
More results

Similar Description - TIP672

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
24-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
24-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
24-BIT I/O EXPANDER
logo
Megawin Technology Co.,...
MA009A MEGAWIN-MA009A Datasheet
664Kb / 19P
24-bit I/O extender with interrupt function
logo
National Instruments Co...
USB-6501 NI-USB-6501 Datasheet
301Kb / 5P
Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
777690-01 NI-777690-01 Datasheet
385Kb / 9P
Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Asahi Kasei Microsystem...
AK4685 AKM-AK4685 Datasheet
583Kb / 52P
Multi-channel CODEC with Differential Analog I/O
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Shanghai Leiditech Elec...
SR33-04A LEIDITECH-SR33-04A Datasheet
2Mb / 5P
Protects Four Uidirectional I/O Lines
logo
List of Unclassifed Man...
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com