Electronic Components Datasheet Search
  English  ▼

X  

TIP675 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP675
Description  48 TTL I/O Lines with Interrupts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP675 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP675 Datasheet HTML 1Page - TEWS Technologies GmbH TIP675 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP675 48 TTL I/O Lines with Interrupts
Application Information
The TIP675 is an IndustryPack® compatible module
providing 48 digital TTL tri-state I/O lines with pull up
resistors. Each of the 48 I/O lines is ESD protected and
protected against overvoltage.
The line inputs are always enabled, allows determining the
state of the I/O line at any time. This can be used as read
back function for lines configured as outputs.
All 48 input lines can generate an interrupt. Each input
interrupt
can
individually
be
enabled
and
cleared.
Interrupts for negative and positive transitions could be
used together with separate interrupt pending registers.
All interrupt inputs have an electronic debounce circuit to
prevent short spikes on input lines to cause an IP
interrupt.
Optional the I/O lines can be configured for simultaneous
update internally and across several IP’s by an external
clock source. The polarity of the external clock source is
programmable.
6 resistor networks mounted in sockets are used to pull
the tri-state I/O lines to a logic high value. The resistor
networks can be removed or changed in value.
After power-on or reset all I/O lines are configured as input
and all pending interrupts are cleared.
Software Support (TIP675-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 48 digital TTL tri-state I/O lines with pull up resistors
 I/O lines individually programmable as input or output
 Full interrupt capability on inputs
 Electronic debounce circuit for interrupt
 ESD and overvoltage protection for each I/O line
 Resistor networks mounted in sockets as I/O line pull
up
 Programmable simultaneous update feature by
external clock source (TTL level)
 Operating temperature range -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP675

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP670 TEWS-TIP670 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-10R TEWS-TIP670-10R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-20R TEWS-TIP670-20R Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-DOC TEWS-TIP670-DOC Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
TIP670-SW-42 TEWS-TIP670-SW-42 Datasheet
274Kb / 2P
8 (4) Digital Inputs, 8 (4) Digital Outputs
2017-08-24
More results

Similar Description - TIP675

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
PCA ELECTRONICS INC.
EPA563-1 PCA-EPA563-1 Datasheet
15Kb / 1P
16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
logo
ADL Embedded Solutions
104-DIO-48S ADL-104-DIO-48S Datasheet
430Kb / 2P
48 lines of digital I/O with change of state detection
logo
PCA ELECTRONICS INC.
EPA563-1A PCA-EPA563-1A Datasheet
19Kb / 1P
16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered
logo
Advantech Co., Ltd.
PCL-731 ADVANTECH-PCL-731 Datasheet
619Kb / 1P
48-ch Digital I/O ISA Card
USB-4751 ADVANTECH-USB-4751 Datasheet
523Kb / 1P
48-ch Digital I/O USB Module
logo
National Instruments Co...
777810-01 NI-777810-01 Datasheet
382Kb / 9P
48-Bit Isolated Digital I/O
777690-01 NI-777690-01 Datasheet
385Kb / 9P
Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Shanghai Leiditech Elec...
SR33-04A LEIDITECH-SR33-04A Datasheet
2Mb / 5P
Protects Four Uidirectional I/O Lines
logo
List of Unclassifed Man...
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com