Electronic Components Datasheet Search
  English  ▼

X  

10-2603_320CT Datasheet(PDF) 2 Page - EAO AG.

Part # 10-2603_320CT
Description  Single-LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

10-2603_320CT Datasheet(HTML) 2 Page - EAO AG.

  10-2603_320CT Datasheet HTML 1Page - EAO AG. 10-2603_320CT Datasheet HTML 2Page - EAO AG. 10-2603_320CT Datasheet HTML 3Page - EAO AG.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Your product:
10-2603.320CT
Single-LED
OPERATING-/INDICATION PART
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARATERISTIC
CERTIFICATE
OTHER
Green / Yellow
Illumination colour:
2 - 6 V DC
1100/900 mcd
Operating voltage:
Lumi. Intensity:
0.001 kg
Weight:
REACH compliant
RoHS compliant
REACH:
RoHS:
Single-LED, T1 Bi-Pin, Green / Yellow, 2 - 6 V DC
Bi-colour-LED
The customer has to decide what series resistor shall be used to the
LED,Luminosity and wave length variations caused by LED manufacturing
processes may cause slight differences regarding the illumination. The customer
has to decide what resistor shall be used to the LED
Short Description:
Kind of iIllumination:
Hints:
Wiring diagrams:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com