Electronic Components Datasheet Search
  English  ▼

X  

TIP866 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP866
Description  8 Channel Serial Interface RS232 / TTL / RS422
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP866 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP866 Datasheet HTML 1Page - TEWS Technologies GmbH TIP866 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP866
8 Channel Serial Interface RS232 / TTL / RS422
Application Information
The TIP866 is an IndustryPack
 compatible module
providing
eight
channels
of
high
performance
asynchronous serial interface. Three different modules are
available. The TIP866-10R provides RS232 interface, the
TIP866-11R offers TTL level interface and the TIP866-20R
provides RS422 interface. Each channel has a 64 byte
transmit FIFO and a 64 byte receive FIFO to significantly
reduce the overhead required to provide data to and get
data from the transmitters and receivers. The FIFO trigger
levels are programmable.
The TIP866-10R and -11R support RxD, TxD, RTS, CTS
and GND for each of the eight RS232 channels. The
TIP866-20R supports RxD+/-, TxD+/- and GND for each of
the eight RS422 channels.
The baud rate is individually programmable up to
115.2 kbaud for the TIP866-10R and up to 460.8 kbaud for
the TIP866-11R and -20R. The TIP866-10R and -20R use
ESD protected transceivers (up to +/-15KV according to
IEC 1000-4-2).
The module versions TIP866-xx-ET are designed for the
extended operating temperature from -40°C to +85°C.
The Transition Module TIP866-TM-10R provides 8 DB25
connectors mounted in a 6U 8TE front panel. The
TIP866-TM-20R provides 8 RJ45 connectors mounted in a
6U 4TE front panel. The TIP866-TM-30R provides 16
4-pin RJ connectors mounted in a 6U 4TE front panel.
Serial line driver software TIP866-SW-xx is available for
different operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 8 channels asynchronous serial interface
 Support of RxD, TxD, RTS, CTS, GND per channel
for TIP866-10R and -11R; support of RXD+/-, TXD+/-
and GND for TIP866-20R
 Programmable baud rates up to 115.2 KBaud for
TIP866-10R and up to 460.8 KBaud for TIP866-11R
and -20R
 64 byte transmit FIFO per channel
 64 byte receive FIFO per channel
 ESD protected RS232 and RS422 interface (up to
+/-15KV according to IEC 1000-4-2)
 Operating temperature:
0°C to +70°C (TIP866-10R,-11R,-20R)
-40°C to +85°C (TIP866-xx-ET)
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP866

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP866 ETC2-TIP866 Datasheet
108Kb / 1P
8 Channel Serial Interface
TIP866-10 ETC2-TIP866-10 Datasheet
108Kb / 1P
8 Channel Serial Interface
TIP866-11 ETC2-TIP866-11 Datasheet
108Kb / 1P
8 Channel Serial Interface
TIP866-20 ETC2-TIP866-20 Datasheet
108Kb / 1P
8 Channel Serial Interface
TIP866-DOC ETC2-TIP866-DOC Datasheet
108Kb / 1P
8 Channel Serial Interface
More results

Similar Description - TIP866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
List of Unclassifed Man...
TIP866 ETC2-TIP866 Datasheet
108Kb / 1P
8 Channel Serial Interface
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
PHOENIX CONTACT
2814388 PHOENIX-2814388 Datasheet
73Kb / 2P
MCR-TTL-RS232-E
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
TTL interface RS232 data format
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
Coolgear Inc.
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
USB to RS232 TTL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com