Electronic Components Datasheet Search
  English  ▼

X  

TPCE200 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCE200
Description  PCI Express Carrier for 4 IndustryPack® Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE200 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCE200 Datasheet HTML 1Page - TEWS Technologies GmbH TPCE200 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCE200
PCI Express Carrier for 4 IndustryPack
® Modules
TPCE200-10R
Application Information
The TPCE200 is a standard height PCI Express, Revision
2.0 compatible module that provides four slots for up to
four single-size or two double-size IndustryPack (IP)
modules used to build modular, flexible and cost effective
I/O solutions for all kinds of applications like process
control, medical systems, telecommunication and traffic
control.
The TPCE200 is a versatile solution to upgrade well
known IP I/O solutions to the PCI Express signalling
standard.
Four 50-pin 0.1 inch flat ribbon cable connectors provide
access to all IP I/O lines. LED status indicators for IP
acknowledge, +5V and ±12V are provided.
The IP clock speed is selectable between 8MHz and
32MHz for each IP slot separately.
One memory space is provided for each IP, allowing linear
addressing for 16-Bit memory on the IP.
The IP power lines are fuse protected by self-healing
fuses and RF filtered. The operating temperature range is
-40°C to +85°C.
The PCIe edge card connector provides +12V and +3.3V.
The TPCE200-10R uses the +12V of the PCIe edge card
connector to generate all power supply voltages for the IP
slots (+5V, +12V and -12V).
According to the PCIe specification, a PCIe x1 card is
limited to 6W on the +12V which allows to operate most of
the
available
IP
modules
in
combination
on
the
TPCE200-10R.
For increased power requirements, the TPCE200-11R
offer a PCIe Graphics Power Connector to supply the
+12V for generating all the power supply voltages for the
IP slots providing power of up to 25W.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCE200

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE260 TEWS-TPCE260 Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-10R TEWS-TPCE260-10R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-11R TEWS-TPCE260-11R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-20R TEWS-TPCE260-20R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
TPCE260-21R TEWS-TPCE260-21R Datasheet
369Kb / 2P
PCI Express PMC Carrier
2017-08-31
More results

Similar Description - TPCE200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DML4493A RENESAS-9DML4493A Datasheet
745Kb / 24P
4:4 Clock MUX for PCI Express Gen1–6
February 24, 2022
PES10T4BG2 RENESAS-PES10T4BG2 Datasheet
1Mb / 32P
10-Lane 4-Port Gen2 PCI Express® Switch
February 2, 2010
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com