Electronic Components Datasheet Search
  English  ▼

X  

TPCE260 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCE260
Description  PCI Express PMC Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE260 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCE260 Datasheet HTML 1Page - TEWS Technologies GmbH TPCE260 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCE260
PCI Express PMC Carrier
TPCE260-10R
Application Information
The TPCE260 is a standard height PCI Express Revision
1.1 compatible module that provides one slot for a single-
width PMC module used to build modular, flexible and cost
effective I/O solutions for all kinds of applications like
process control, medical systems, telecommunication and
traffic control.
The TPCE260 is a versatile solution to upgrade well
known PMC I/O solutions to the PCI Express signalling
standard.
The bridging between the PCI Express x1 link to the host
board and the PCI bus signals to the PMC slot is handled
by the transparent PCIe-to-PCI Bridge PI7C9X111SL from
Pericom.
The PCI bus side of the bridge allows 32-bit PCI accesses
with either 33 MHz or 66 MHz. Both 3.3V (TPCE260-x1R)
and 5V (TPCE260-x0R) PCI I/O signalling voltages are
supported.
The TPCE260 supports PMC front panel I/O and also
PMC P14 Rear I/O through a VME P2 style connector
(IEC 60603-2, Type C). The I/O mapping of P14 complies
with VITA-35 (“PMC P4 to VME-P2, Rows A-C mapping”).
The PCIe edge card connector provides +12V and +3.3V.
All TPCE260-xx variants do use the +3.3V solely to power
the PCIe-to-PCI Bridge.
The TPCE260-1xR uses the +12V of the PCIe edge card
connector to generate all four power supply voltages for
the PMC slot (+3.3V, +5V, +12V and -12V).
According to the PCIe specification, a PCIe x1 card is
limited to 6W on the +12V which allows to operate most of
the available 32-bit 33/66 MHz PMC modules on the
TPCE260-1xR.
For increased power requirements of a PMC module, the
TPCE260-2xR offer a PCIe Graphics Power Connector to
supply the +12V for generating all the power supply
voltages for the PMC slot providing a power of up to 25W.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCE260

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE261 TEWS-TPCE261 Datasheet
147Kb / 2P
PCI Express x1 PMC Carrier
2019-10-19
TPCE261-10R TEWS-TPCE261-10R Datasheet
147Kb / 2P
PCI Express x1 PMC Carrier
2019-10-19
TPCE261-11R TEWS-TPCE261-11R Datasheet
147Kb / 2P
PCI Express x1 PMC Carrier
2019-10-19
TPCE261-20R TEWS-TPCE261-20R Datasheet
147Kb / 2P
PCI Express x1 PMC Carrier
2019-10-19
TPCE261-21R TEWS-TPCE261-21R Datasheet
147Kb / 2P
PCI Express x1 PMC Carrier
2019-10-19
More results

Similar Description - TPCE260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
PCI Express Clock
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
87715-9X00 MOLEX-87715-9X00 Datasheet
173Kb / 2P
PCI Express* connector
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Advantech Co., Ltd.
MIC-3665 ADVANTECH-MIC-3665 Datasheet
119Kb / 1P
Dual Gigabit Ethernet PCI-X PMC
logo
List of Unclassifed Man...
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC_16 Datasheet
643Kb / 2P
PCI/104-Express
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com