Electronic Components Datasheet Search
  English  ▼

X  

TPIM001 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM001
Description  PIM I/O Module with 50 pin Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM001 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM001 Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TPIM001
PIM I/O Module with 50 pin Connector
Application Information
The TPIM001 is a standard single-width PIM I/O
module to be used with any PIM carrier. It offers
easy access to the PMC back I/O lines of PMC
carrier with back I/O.
The TPIM001 distributes the lower 50 I/O lines of the
PMC to a standard 50 pin SCSI-2 type connector
located in the EMI front panel.
The operating temperature range is -40°C to +85°C.
Technical Information
 Standard single-width PIM I/O Module
 Board size: 69 mm x 74 mm
 I/O lines 1 to 50 are routed to a HD50 SCSI-2
type connector in the front panel
 EMI Front Panel
 Operating Temperature: -40°C to +85°C
Order Information
RoHS Compliant
TPIM001-10R
PIM I/O Module, HD50 connector
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPIM001-DOC
User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM001

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM001 TEWS-TPIM001 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM001 TEWS-TPIM001 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
136Kb / 3P
Conduction Cooled PMC, 4 Channel Isolated
2017-08-31
TPIM001 TEWS-TPIM001 Datasheet
150Kb / 2P
Conduction cooled 8 channel isolated RS422 interface
2017-08-31
More results

Similar Description - TPIM001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-6060 ETC1-ADAM-6060 Datasheet
120Kb / 1P
Kompakte I/O-Module
logo
Hongfa Technology
HFS8 HONGFA-HFS8 Datasheet
72Kb / 4P
I/O module
logo
SMSC Corporation
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
56-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
MIO-6250 ADVANTECH-MIO-6250 Datasheet
153Kb / 1P
Module I/O Series
MIO-6254 ADVANTECH-MIO-6254 Datasheet
187Kb / 1P
Module I/O Series
MIO-6255 ADVANTECH-MIO-6255 Datasheet
136Kb / 1P
Module I/O Series
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
D+H Mechatronic AG
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
I/O module
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
588Kb / 2P
Serial I/O Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com