Electronic Components Datasheet Search
  English  ▼

X  

TPMC310-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC310-DOC
Description  Conduction Cooled PMC , Isolated 2 x CAN Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC310-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC310-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC310-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC310
Conduction Cooled PMC , Isolated 2 x CAN Bus
Application Information
The TPMC310 is a conduction cooled single-width 32 bit
PMC module providing two channel of high speed CAN
bus interface.
The PLX PCI9030 PCI Target Chip is used for the PCI
interface.
Two Philips SJA1000 CAN controllers (CAN specification
2.0B supported) are used for the two CAN bus channels.
The CAN bus I/O interface provides two independent
channels, isolated from system logic and from each other.
CAN High Speed transceivers are used for the CAN bus
I/O interface. An on board termination option (solder pads)
is provided for each CAN bus channel allowing to
configure on board termination and pass through mode for
the CAN bus.
The TPMC310 uses the P14 I/O connector for the CAN
bus I/O interface.
Software support (TDRV010-SW-xx) for different operating
systems is available.
Technical Information
 Conduction Cooled single-width 32 bit PMC module
conforming to IEEE P1386.1
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 144 mm x 74 mm
 CAN Bus Interface
• Two channel High Speed CAN interface
• Two Philips SJA1000 CAN controller
• Supports CAN specification 2.0B
• I/O interface based on TJA1050 transceiver,
channels isolated from system logic and from each
other
• On board termination option for each CAN bus
channel
 Operating temperature range –40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC310-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC316 TEWS-TPMC316 Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316-10R TEWS-TPMC316-10R Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316-11R TEWS-TPMC316-11R Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC316-DOC TEWS-TPMC316-DOC Datasheet
143Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC317 TEWS-TPMC317 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
More results

Similar Description - TPMC310-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com