Electronic Components Datasheet Search
  English  ▼

X  

TPMC316-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC316-DOC
Description  Conduction Cooled PMC , Isolated 2 x CAN Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC316-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC316-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC316-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC316
Conduction Cooled PMC , Isolated 2 x CAN Bus
Application Information
The TPMC316 is a conduction cooled single-width 32 bit
PMC module and provides two complete CAN bus
interfaces using two Bosch CC770 CAN controllers. The
CC770 offers pin compatibility with Intel's 82527 CAN
Controller and is a function replacement. Both channels
are
completely
independent
and
support
CAN
specification 2.0 part A and B (standard 11 bit identifier
and extended 29 bit identifier).
Each physical interface is optically isolated from the CAN
controller and powered by an on board DC/DC converter
and a voltage regulator. Two versions of physical interface
are available: the TPMC316-10R supports CAN high
speed for each of the two channels. The TPMC316-11R
provides a modified RS485 interface for each of the two
channels. The bus line termination can be enabled or
disabled for each channel by solder pads (disabled per
default).
The TPMC316 has no front panel. It uses P14 I/O
connector with the same pin assignment as the TPMC816.
Software
Support
(TDRV011-SW-xx)
for
different
operating systems is available.
Technical Information
 Conduction Cooled single-width 32 bit PMC module
conforming to IEEE P1386.1, no front panel
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 144 mm x 74 mm
 CAN bus interface based on Bosch CC770 chip
 Support CAN specification 2.0 part A and B (standard
and extended data frames)
 Programmable global mask
 15 message objects of 8 byte data length
 Powerful error handling
 Programmable transfer rates
 Physical interface CAN High Speed (according to ISO
11 898) on TPMC316-10R or modified RS485 on
TPMC316-11R per channel
 Physical interface optically isolated from CAN
controller by on board DC/DC converter and
optocoupler per channel
 Transfer rate 1 Mbit/s maximum (bus length up to
40 m)
 Operating temperature range –40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.2.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC316-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC310 TEWS-TPMC310 Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC310-10R TEWS-TPMC310-10R Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC310-DOC TEWS-TPMC310-DOC Datasheet
444Kb / 2P
Conduction Cooled PMC , Isolated 2 x CAN Bus
2017-08-31
TPMC317 TEWS-TPMC317 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
TPMC317-10R TEWS-TPMC317-10R Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
More results

Similar Description - TPMC316-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com