Electronic Components Datasheet Search
  English  ▼

X  

TPMC321 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC321
Description  Conduction Cooled, 64 Digital TTL I/O / 32 Differential I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC321 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC321 Datasheet HTML 1Page - TEWS Technologies GmbH TPMC321 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
07.04.2022
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
E-Mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
Board size: 143.75 mm x 74 mm
PCI 3.0 compatible interface
3.3V and 5V PCI Signaling Voltage
64 or 32 interrupt generating bit I/O lines
64 TTL I/Os or 32 differential EIA-485 or M-LVDS
I/Os
Direction individually programmable per line
TTL signaling voltage (maximum current: +/-
24mA)
ESD and overvoltage protection for each TTL I/O line
ESD protected EIA-485 & M-LVDS transceiver
64 TTL I/O lines or 32 differential I/O lines on rear
connector P14 (upper 8 lines changeable to system
ground)
Operating temperature -40°C to +85°C
MTBF (MIL-HDBK217F/FN2 GB 20°C)
TPMC321-10R: 350 000 h
TPMC321-11R: 891 000 h
TPMC321-12R: 846 000 h
Order Information
RoHS Compliant
TPMC321-10R
Conduction Cooled, 64-bit TTL I/O, Bit I/O, Interrupts, P14 I/O
TPMC321-11R
Conduction Cooled, 32-bit EIA-422 / EIA-485 I/O, Bit I/O, Interrupts, P14 I/O
TPMC321-12R
Conduction Cooled, 32-bit M-LVDS I/O, Bit I/O, Interrupts, P14 I/O
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPMC321-DOC
User Manual
Software
TDRV006-SW-25
Integrity Software Support
TDRV006-SW-42
VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TDRV006-SW-65
Windows Software Support
TDRV006-SW-82
Linux Software Support
TDRV006-SW-95
QNX Software Support
For other operating systems please contact TEWS.
Related Products
TPIM003
PIM I/O Module, HD68 connector, special pin assignment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com