Electronic Components Datasheet Search
  English  ▼

X  

TPMC372 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC372
Description  Conduction Cooled PMC, 4 Channel RS232/RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC372 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC372 Datasheet HTML 1Page - TEWS Technologies GmbH TPMC372 Datasheet HTML 2Page - TEWS Technologies GmbH TPMC372 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 Conduction cooled single-width 32 bit PMC module
conforming to IEEE P1386.1, no front panel
 Target Chip: XR17D154 (Exar)
 PCI 2.3 compliant interface
 PCI I/O signaling voltage 5V and 3.3V
 Board size: 143.75 mm x 74 mm
 Asynchronous serial interface
 Quad UART: Exar XR17D154
 Support of RxD, TxD, RTS, CTS and GND for each
RS232 channel; RxD+/-, TxD+/- and GND for each
RS422 channel. One channel offers extended support
(full modem or RTS+/- and CTS+/-)
 Programmable baud rates:
RS232: up to 921.6 kbps
RS422: up to 5.5296 Mbps
 64 byte transmit FIFO per channel
 64 byte receive FIFO per channel
 Readable FIFO levels
 Global Interrupt Source Register
 General Purpose 16 bit Timer/Counter
 ESD protected transceiver (up to ± 15KV)
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com