Electronic Components Datasheet Search
  English  ▼

X  

TPMC376-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC376-DOC
Description  Conduction Cooled PMC, 4 Channel RS232/RS422/RS485
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC376-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC376-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC376-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC376-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TPMC376
Conduction Cooled PMC, 4 Channel RS232/RS422/RS485
Programmable Serial Interface
Application Information
The TPMC376 is a conduction cooled single-width 32 bit
PMC module offering 4 channels of high performance
RS232/RS422/RS485 programmable asynchronous serial
interface with P14 I/O.
The serial channels can be individually programmed to
operate as RS232, RS422 or RS485 full duplex / half
duplex interface. In addition programmable termination is
provided for the RS422/RS485 interfaces. After power-up
all serial I/O lines are in a high impedance state.
Each RS232 channel supports RxD, TxD, RTS, CTS and
GND. RS422 and RS485 full duplex support a four wire
interface (RX+, RX-, TX+, TX-) plus ground (GND). RS485
half duplex supports a two wire interface (DX+, DX-) plus
ground (GND).
Each channel has 64 byte transmit and receive FIFOs to
significantly reduce the overhead required to provide data
to and get data from the transmitters and receivers. The
FIFO trigger levels are programmable and the baud rate is
individually programmable up to 921.6 kbps for RS232
channels and 5.5296 Mbps for RS422/RS485 channels.
The UART offers readable FIFO levels.
All channels generate interrupts on PCI interrupt INTA. For
fast interrupt source detection the UART provides a
special Global Interrupt Source Register.
All serial channels use ESD protected transceivers. ESD
protection is up to ±15KV.
The TPMC376 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
Software
Support
(TDRV002-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC376-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC371 TEWS-TPMC371 Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-10R TEWS-TPMC371-10R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-11R TEWS-TPMC371-11R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-12R TEWS-TPMC371-12R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-DOC TEWS-TPMC371-DOC Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
More results

Similar Description - TPMC376-DOC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com