Electronic Components Datasheet Search
  English  ▼

X  

TPMC378-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC378-DOC
Description  Conduction cooled 8 channel isolated RS422 interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC378-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC378-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC378-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC378 Conduction cooled 8 channel isolated RS422 interface
Application Information
The TPMC378 is a conduction cooled single-width 32 bit
PMC module offering 8 channels of high performance
RS422 asynchronous serial interface with P14 I/O. Each
of the eight channels is isolated from the system and
against each other by isolated transceivers with integrated
DC/DC converters.
Each RS422 channel supports a four wire interface (RX+,
RX-, TX+, TX-) plus ground (GND). Two channels
additionally support flow control with RTS+/- and CTS+/-.
Each channel has 64 byte transmit and receive FIFOs to
significantly reduce the overhead required to provide data
to and get data from the transmitters and receivers. The
FIFO trigger levels are programmable and the baud rate is
individually programmable up to 5.5296 Mbps for RS422
channels. The UART offers readable FIFO levels.
All channels generate interrupts on PCI interrupt INTA. For
fast interrupt source detection the UART provides a
special Global Interrupt Source Register.
All serial channels use ESD protected transceivers. ESD
protection is up to ±15KV.
The TPMC378 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
Software
Support
(TDRV002-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC378-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC371 TEWS-TPMC371 Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-10R TEWS-TPMC371-10R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-11R TEWS-TPMC371-11R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-12R TEWS-TPMC371-12R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-DOC TEWS-TPMC371-DOC Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
More results

Similar Description - TPMC378-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com