Electronic Components Datasheet Search
  English  ▼

X  

SAT600 Datasheet(PDF) 1 Page - Solid State Inc

Part # SAT600
Description  Home Appliances
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SAT600 Datasheet(HTML) 1 Page - Solid State Inc

  SAT600 Datasheet HTML 1Page - Solid State Inc SAT600 Datasheet HTML 2Page - Solid State Inc SAT600 Datasheet HTML 3Page - Solid State Inc SAT600 Datasheet HTML 4Page - Solid State Inc SAT600 Datasheet HTML 5Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAT600
AC Input
Optocoupler
The SAT600 consists of a phototransistor optically coupled to a pair of light emitting diodes for AC input operation. Optical coupling
between the input LEDs and output phototransistor allows for high isolation levels while maintaining low-level AC signal control capability.
The SAT600 provides an optically isolated method of controlling many interface applications such as telecommunications, industrial
control and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
AC/DC input control
•
High input-to-isolation package (5000 Vrms)
•
Low input power consumption
•
High stability
•
6 Pin DIP Package w/ Output for Base Connection
•
Home Appliances
•
Office Automation Equipment
•
Telecom / Datacom
•
Vending Machines
•
Power Supplies
•
.04" (10.16mm) lead spacing (VDE 0884)
• -H
Surface Mount Leadform Option
• -S
Tape and Reel Option
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
100
Continuous Input Current
mA
50
Transient Input Current
A
1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
•
VDE Approved, Lic. # 40011227
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
SAT600
rev 1.4
1 (06/15/2007)
© 200
7 Solid State Optronics • San José, CA
•
1. Anode, Cathode
2. Anode, Cathode
3. NC
4. Emitter
5. Collector
6. Base
UL / C-UL
Approved, Fie # E201932
1
2
5
6
4
3


Similar Part No. - SAT600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT600 SSOUSA-SAT600 Datasheet
721Kb / 5P
AC/DC input control
More results

Similar Description - SAT600

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
20A Power Relay For Home appliances
logo
EPCOS
B59010D1135B040 EPCOS-B59010D1135B040 Datasheet
68Kb / 3P
Liquid level detection in tanks (oil, gas, etc.) and home appliances
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
Toshiba Semiconductor
TLP708 TOSHIBA-TLP708 Datasheet
389Kb / 13P
Factory Automation (FA) Home Electrical Appliances Operates at high ambient temperatures up to 125
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
Consumer Appliances
logo
Monolithic Power System...
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
Control home appliances from your phone
logo
TDK Electronics
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com