Electronic Components Datasheet Search
  English  ▼

X  

AC-STC Datasheet(PDF) 1 Page - Metcal

Part # AC-STC
Description  Solder Tip Cleaner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-STC Datasheet(HTML) 1 Page - Metcal

  AC-STC Datasheet HTML 1Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solder Tip Cleaner
AC-STC
Introducing the
Solder Tip Cleaner
AC-STC
Solder tips represent a significant
part of the cost of ownership for a
solder station.
Oxidation on the tip degrades performance by
creating a barrier that decreases the thermal
transfer of the heat to the solder joint. This
barrier slows performance and if not corrected
will damage the tip. Proper tip care is essential
to maximize the life of the tip.
Metcal’s new Solder Tip Cleaner removes
oxidation and extends the life of the solder
tip.
By placing the tip into the opening, the tip
cleaner senses the tip and automatically
activates saving the operator time. A
replaceable brush system pulls excess solder
away from the tip into a removable collection
tray for disposal while removing oxidation
from the tip. A splashguard prevents debris
from escaping the collection area. The unit
ships with a universal AC power adapter that
ensures the unit is ready for use.
Features & Benefits
• Contactless Activation
• Compact Footprint: Surface area on the bench top is
at a premium. This unit doesn’t disappoint, taking only
minimal footprint on your benchtop.
• Replaceable Brush System: Allows for easy
replacement of the solder brush providng for a long
useful life for the system.
• Universal Power Supply: Simple plug and play
• ESD Safe
• Quiet Operation
any where in the world.
metcal.com
©2017 Metcal, metcal.com
Part Number
Descrip�on
AC-STC
Solder Tip Cleaner
AC-STC-BBRUSH
Solder Tip Cleaner, Replacement Brushes (pair)
AC-STC-GUARD
Solder Tip Cleaner, Rubber Splash Guard
AC-STC-TRAY
Solder Tip Cleaner, Replacement Tray
Ambient
Operating
Temp.
10 to 40 °C
Input Line
Voltage
24 VDC
Certifications/
Markings
Surface
Resitivity
106 -1011 /sq
cNRTLus, CE,
RoHS + WEEE
Dimensions
w x d x h
14 cm x 8.5 cm
x 10cm
Weight
0.83 kg
Technical
Specifications
171702-0914-RL
Brush Speed
Brush Diameter
115 rpm
25 mm


Similar Part No. - AC-STC

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
AC-SERIES TXC-AC-SERIES Datasheet
1,005Kb / 1P
Ultra small SMD seam sealed clock crystal oscillator units.
logo
Metcal
AC-SK1 METCAL-AC-SK1 Datasheet
326Kb / 1P
MFR/PS Accessories & Spare Parts
More results

Similar Description - AC-STC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
SOLDER PASTES/CLEANER
logo
NTE Electronics
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
ECG Cleaner/Lubricant
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
Tip & Ring
logo
Tyco Electronics
1918803-1 MACOM-1918803-1 Datasheet
173Kb / 2P
OPTIPOP R Reel Cleaner
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
Click Cleaner
logo
CUI INC
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
tip switch
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
tip switch
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
logo
3M Electronics
11L 3M-11L Datasheet
106Kb / 2P
Scotchgard??Bonnet Cleaner Concentrate
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com