Electronic Components Datasheet Search
  English  ▼

X  

SR2200 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR2200
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR2200 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR2200 Datasheet HTML 1Page - Rectron Semiconductor SR2200 Datasheet HTML 2Page - Rectron Semiconductor SR2200 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.01
0.001
0.1
1.0
10
0
0.5
1.0
1.5
2.0
2.5
20
40
60
80
100
120
140
150
100
50
0
0
0.2
0.4
0.8 1.0
1.4
1.6
0.1
1.0
10
50
1.2
0.6
1.8
RATING AND CHARACTERISTICS CURVES ( SR220 THRU SR2200 )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
10
80
60
40
20
100
200
400
40
0.4
1.0
4
10
80100
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
10
0
30
20
40
60
50
2
5
10
20 50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Length
TA = 125 OC
TA = 25 OC
TA = 75 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
SR280~SR2200
SR220~SR240
SR250~SR260
SR220~SR240
SR250~SR260
SR280~SR2200
TJ = 25 OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com