Electronic Components Datasheet Search
  English  ▼

X  

FS16SM-6 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FS16SM-6
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS16SM-6 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FS16SM-6 Datasheet HTML 1Page - Powerex Power Semiconductors FS16SM-6 Datasheet HTML 2Page - Powerex Power Semiconductors FS16SM-6 Datasheet HTML 3Page - Powerex Power Semiconductors FS16SM-6 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS16SM-6
HIGH-SPEED SWITCHING USE
ID = 1mA, VGS = 0V
IG =
±100µA, VDS = 0V
VGS =
±25V, VDS = 0V
VDS = 300V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 8A, VGS = 10V
ID = 8A, VGS = 10V
ID = 8A, VDS = 10V
VDS = 25V, VGS = 0V, f = 1MHz
VDD = 150V, ID = 8A, VGS = 10V, RGEN = RGS = 50
Ω
IS = 8A, VGS = 0V
Channel to case
V (BR) DSS
V (BR) GSS
IGSS
IDSS
VGS (th)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
V
V
µA
mA
V
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
300
±30
—
—
2
—
—
6.5
—
—
—
—
—
—
—
—
—
—
—
—
—
3
0.25
2.0
10.0
1050
220
45
20
40
110
50
1.5
—
—
—
±10
1
4
0.33
2.64
—
—
—
—
—
—
—
—
2.0
1.00
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
23 5 7 101 23 5 7 102 23 5 7 103 2
TC = 25°C
Single Pulse
tw=10µs
100µs
1ms
10ms
DC
200
160
120
80
40
0
200
150
100
50
0
50
40
30
20
10
0
0
1020304050
PD =
125W
TC = 25°C
Pulse Test
VGS = 20V
10V
8V
6V
5V
7V
20
16
12
8
4
0
0
4
8
12
16
20
PD = 125W
TC = 25°C
Pulse Test
VGS=20V
10V
7V
6V
5.5V
5V
4V
4.5V
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com