Electronic Components Datasheet Search
  English  ▼

X  

P1200SCMCL Datasheet(PDF) 5 Page - Littelfuse

Part # P1200SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1200SCMCL Datasheet(HTML) 5 Page - Littelfuse

  P1200SCMCL Datasheet HTML 1Page - Littelfuse P1200SCMCL Datasheet HTML 2Page - Littelfuse P1200SCMCL Datasheet HTML 3Page - Littelfuse P1200SCMCL Datasheet HTML 4Page - Littelfuse P1200SCMCL Datasheet HTML 5Page - Littelfuse P1200SCMCL Datasheet HTML 6Page - Littelfuse P1200SCMCL Datasheet HTML 7Page - Littelfuse P1200SCMCL Datasheet HTML 8Page - Littelfuse P1200SCMCL Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
*DV3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 5
www.littelfuse.com
SL1011A and SL1011BSeries
The SL1011A series device and the SL1011B series device weigh 2.7 grams (0.095
ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the
electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and
date code.
SL1021A and SL1021BSeries
The SL1021A series device weighs 2.7 grams (0.095 ounces). The SL1021B series device
weighs 0.63 grams (0.022 ounces). Body material is ceramic. The electrode base is made
of nickel iron alloy, and the electrode plating material is bright Sn. Each device is marked
with an LF logo, voltage, and date code. The SL1021B series markings are in blue.
0.
236 ±0.007
(6.0 ±0.
2)
2.362 ±0.016
(60 ±0.4)
0.
236 ±0.007
(6.0 ±0.
2)
0.3
15 ±0.007
(8.0 ±0.
2)
Dimensions are in inches
(and millimeters).
SL1011AxxxA
SL1011AxxxC
Dimensions are in millimeters
and tolerance is ±0.
2 mm
(unless otherwise specified).
SL
1021AxxxC
SL
1021BxxxC
SL
1021AxxxR
SL
1021BxxxR
SL
1021AxxxZ
SL
1021BxxxZ
SL
1021AxxxP
SL
1021BxxxP
SL
1021AxxxS
SL
1021BxxxS
SL
1021AxxxY
SL
1021BxxxY
With Failsafe
SL
1021AxxxRF
SL
1021BxxxRF
1.37
1.37
10.7 ±0.2
1.37
8.0 ±0.
15
∅ 8.0 ±0.
15
6.4 ±0.
15
6.4 ±0.
15
4.0
8.4 MAX
11.8
4.5
7.5
10.2
4.4 ±0.
15
4.4 ±0.
15
6.0 ±0.
15
6.0 ±0.
15
7.5
4.0
5.5 ±0.
15
5.5 ±0.
15
7.5
4.5
4.75 ±0.
15
4.75 ±0.
15
1.3
7.5
4.5
4.4 ±0.
15
4.4 ±0.
15
1.3
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com