Electronic Components Datasheet Search
  English  ▼

X  

WM8580AGEFT Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 27Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 28Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 29Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 30Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 31Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 32Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 33Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 34Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
31
DAC OUTPUT CONTROL
The DAC output control word determines how the left and right inputs to the audio interface are
applied to the left and right DACs:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
PL[3:0]
Left O/P
Right O/P
0000
Mute
Mute
0001
Left
Mute
0010
Right
Mute
0011
(L+R)/2
Mute
0100
Mute
Left
0101
Left
Left
0110
Right
Left
0111
(L+R)/2
Left
1000
Mute
Right
1001
Left
Right
1010
Right
Right
1011
(L+R)/2
Right
1100
Mute
(L+R)/2
1101
Left
(L+R)/2
1110
Right
(L+R)/2
R16
DAC Control 2
10h
3:0
PL[3:0]
1001
1111
(L+R)/2
(L+R)/2
Table 19 DAC Attenuation Register (PL)
ZERO FLAG OUTPUT
Each DAC channel has a “zero detect circuit” which detects when 1024 consecutive zero samples
have been input. Should both channels of a DAC indicate a zero-detect (or if either DACPD or
DMUTE is set for that DAC), then the Zero Flag for that DAC is asserted. The DZFM register bits
determine which Zero Flag is visible on the MUTE and GPO pins.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16
DAC Control 2
10h
6:4
DZFM[2:0]
000
Selects the source for ZFLAG
000 - All DACs Zero Flag
001 - DAC1 Zero Flag
010 - DAC2 Zero Flag
011 - DAC3 Zero Flag
100 - ZFLAG = 0
101 - ZFLAG = 0
110 - ZFLAG = 0
111 - ZFLAG = 0
Table 20 DZFM Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com