Electronic Components Datasheet Search
  English  ▼

X  

P2000SAL Datasheet(PDF) 42 Page - Littelfuse

Part # P2000SAL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SAL Datasheet(HTML) 42 Page - Littelfuse

Back Button P2000SAL Datasheet HTML 38Page - Littelfuse P2000SAL Datasheet HTML 39Page - Littelfuse P2000SAL Datasheet HTML 40Page - Littelfuse P2000SAL Datasheet HTML 41Page - Littelfuse P2000SAL Datasheet HTML 42Page - Littelfuse P2000SAL Datasheet HTML 43Page - Littelfuse P2000SAL Datasheet HTML 44Page - Littelfuse P2000SAL Datasheet HTML 45Page - Littelfuse P2000SAL Datasheet HTML 46Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
www.littelfuse.com
9 - 42
© 2006 Littelfuse, Inc. • Telecom Design Guide
3DFNLQJ2SWLRQV
T10B
Tape and reel packing options for the T10B meet all specifications as set forth in EIA-468-B.
Standard reel pack quantity is 1000. Bulk pack quantity is 500.
Off Center
Both Sides
0.84
0.
24
0.35
2.0
0.085
3.4
14
2.7
0.6
Top View
Front View
Label
Recess Depth Max 0.75"
2.55
Direction of Feed
Dimensions are
in inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com