| Electronic Components Datasheet Search |
|
ADS1174IPAPT Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS1174IPAPT Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 35 page ![]() www.ti.com SYNC DIN DOUT1 SYNC SCLK FSYNC SCLK ADS1178 SYNC DIN CLK CLK FSYNC DOUT1 SCLK ADS1178 SYNC DOUT1 SCLK ADS1178 SYNC DIN FSYNC DOUT1 SCLK ADS1178 CLK CLK CLK FSYNC DIN FSYNC Serial Data from Devices 1and2 Serial Data from Devices 3and4 U4 U3 U2 U1 ADS1174 ADS1178 SBAS373 – OCTOBER 2007 To increase the number of data channels possible in Whether the interface protocol is SPI or Frame-Sync, a chain, a segmented DOUT scheme may be used, it is recommended to synchronize all devices by tying producing two data streams. Figure 23 illustrates four the SYNC inputs together. When synchronized in SPI ADS1178s, with a pair of ADS1178s daisy-chained protocol, it is only necessary to monitor the DRDY together. The channel data of each daisy-chained output of one ADS1178. pair is shifted out in parallel and is received by the In Frame-Sync interface protocol, the data from all processor through independent data channels. devices are ready on the rising edge of FSYNC. Since DOUT1 and DIN are both shifted on the falling edge of SCLK, the propagation delay on DOUT1 creates a setup time for DIN. Minimize the skew in SCLK to avoid timing violations. Figure 23. Segmented DOUT Daisy-Chain, Frame-Sync Protocol (FORMAT[2:0] = 000 or 001) Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 23 Product Folder Link(s): ADS1174 ADS1178 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |