Electronic Components Datasheet Search
  English  ▼

X  

20760 Datasheet(PDF) 2 Page - Atom Lighting

Part # 20760
Description  AT9235 Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

20760 Datasheet(HTML) 2 Page - Atom Lighting

  20760 Datasheet HTML 1Page - Atom Lighting 20760 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ambient Temp (°C)
25 °C
40 °C
L70B50
>30000 hrs
>30000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
After the defined lifetime, the system will reach the defined
lumen depreciation and the average led failures is defined by
the B rating. The B rating is defined in and tested to IEC62717.
COLOUR TEMPERATURE
CCT
2700 K
CCT Colour
Warm White
LED Wattage
4.8 W
Luminaire Lumens
354 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
DRIVER
Dimmable
No
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Voltage
Driver Type
Fixed output
Flex & Plug or Lead Length
1200 mm
Wiring Type
Re-wireable Flex & Plug (2
pin)
COMPLIANCE
Product Design Life
8 years
The product design life relates to the total product life which
includes LEDs, drivers and the enclosure. This is different to
the LED lifetime which only refers to the economical lifetime
of the LEDs at which time the lumen output has dropped
below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product
and takes into account the Daily Use.
Daily Use
12 hrs
The Daily Use is the recommended time required to meet the
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
Standards
AS/NZS 61347.1
AS/NZS 61347.2.13
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
Warranty Operating Hours
13000 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Cutting Interval
100 mm
Product Height
15 mm
Product Length
1000 mm
Product Width
17 mm
LINE DRAWINGS
AT9235/assembly
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com