Electronic Components Datasheet Search
  English  ▼

X  

MIC4830 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4830
Description  Low Noise 180Vp-p EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4830 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4830 Datasheet HTML 1Page - Micrel Semiconductor MIC4830 Datasheet HTML 2Page - Micrel Semiconductor MIC4830 Datasheet HTML 3Page - Micrel Semiconductor MIC4830 Datasheet HTML 4Page - Micrel Semiconductor MIC4830 Datasheet HTML 5Page - Micrel Semiconductor MIC4830 Datasheet HTML 6Page - Micrel Semiconductor MIC4830 Datasheet HTML 7Page - Micrel Semiconductor MIC4830 Datasheet HTML 8Page - Micrel Semiconductor MIC4830 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel
MIC4830
September 2007
3
M9999-091307
(408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VDD)...................................... –0.5V to 6.0V
Output Voltage (VCS) ..................................... –0.5V to 120V
EL Lamp Terminals (VA, VB) ................................. VCS + 3V
Switch Voltage (Vsw)…………………………..-0.5V to 120V
Frequency Control Voltage
(VRSW, VREL) ................................... –0.5V to (VDD+0.3V)
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(4)...............................................................1.5kV
Operating Ratings(2)
Supply Voltage (VDD).................................... +1.8V to +5.5V
Lamp Drive Frequency (fEL) ....................... 60Hz to 1000Hz
Switching Frequency (fSW).........................65kHz to 250kHz
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
(3)
MSOP (
θJA) ......................................................206°C/W
MLF
®-8L (θJA).....................................................63°C/W
Electrical Characteristics(5)
VIN = VDD = 3.0V, RSW = 332KΩ, REL = 1.78MΩ. TA = 25°C unless otherwise specified. Bold values indicate –40°C ≤ TA ≤ +85°C.
Parameter
Condition
Min
Typ
Max
Units
On-resistance
ISW = 100mA
3.8
7
Ohm
CS Voltage Variation
VDD = 1.8V to 5.5V
76
88
99
V
Enable Input Low
Voltage (turn-off)
VDD = 1.8V to 5.5V
0.5
V
Enable Input High
Voltage (turn-on)
VDD = 1.8V to 5.5V
VDD-
0.5
V
Shutdown current
RSW Resistor = LOW; REL Resistor = LOW; VDD = 5.5V
0.01
0.5
µA
Input supply current
RSW Resistor = HIGH;
REL Resistor = HIGH;
VCS = 90V; VA, VB OPEN
45
75
µA
Input current including
inductor
VIN = VDD = 3.2V; Rsw = 290KΩ; Rel = 1.78MΩ;
L=220µH; Rout=10kΩ; Lamp = 2in
2
15
mA
VA–VB output drive
frequency
REL=1.78MΩ
158
200
242
Hz
Switching transistor
frequency
RSW=332KΩ
90
112
134
kHz
Switching transistor
duty cycle
90
%
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com